Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP73831-2ACI/OT Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP73831-2ACI/OT
Description  Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73831-2ACI/OT Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP73831-2ACI/OT Datasheet HTML 7Page - Microchip Technology MCP73831-2ACI/OT Datasheet HTML 8Page - Microchip Technology MCP73831-2ACI/OT Datasheet HTML 9Page - Microchip Technology MCP73831-2ACI/OT Datasheet HTML 10Page - Microchip Technology MCP73831-2ACI/OT Datasheet HTML 11Page - Microchip Technology MCP73831-2ACI/OT Datasheet HTML 12Page - Microchip Technology MCP73831-2ACI/OT Datasheet HTML 13Page - Microchip Technology MCP73831-2ACI/OT Datasheet HTML 14Page - Microchip Technology MCP73831-2ACI/OT Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
 2005-2014 Microchip Technology Inc.
DS20001984G-page 11
MCP73831/2
3.0
PIN DESCRIPTION
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLES
3.1
Battery Management Input Supply
(VDD)
A supply voltage of [VREG (typical) + 0.3V] to 6V is
recommended. Bypass to VSS with a minimum of
4.7 µF.
3.2
Battery Charge Control Output
(VBAT)
Connect to positive terminal of battery. Drain terminal
of internal P-channel MOSFET pass transistor. Bypass
to VSS with a minimum of 4.7 µF to ensure loop stability
when the battery is disconnected.
3.3
Charge Status Output (STAT)
STAT is an output for connection to an LED for charge
status indication. Alternatively, a pull-up resistor can be
applied for interfacing to a host microcontroller.
STAT is a tri-state logic output on the MCP73831 and
an open-drain output on the MCP73832.
3.4
Battery Management 0V Reference
(VSS)
Connect to negative terminal of battery and input
supply.
3.5
Current Regulation Set (PROG)
Preconditioning, fast charge and termination currents
are scaled by placing a resistor from PROG to VSS.
The charge management controller can be disabled by
allowing the PROG input to float.
3.6
Exposed Thermal Pad (EP)
An internal electrical connection exists between the
Exposed Thermal Pad (EP) and the VSS pin. They must
be connected to the same potential on the Printed
Circuit Board (PCB).
For better thermal performance, it is recommended to
add vias from the land area of EP to a copper layer on
the other side of the PCB.
Pin No.
Symbol
Function
DFN
SOT-23-5
14
VDD
Battery Management Input Supply
2—
VDD
Battery Management Input Supply
33
VBAT
Battery Charge Control Output
4—
VBAT
Battery Charge Control Output
5
1
STAT
Charge Status Output
62
VSS
Battery Management 0V Reference
7
—
NC
No Connection
8
5
PROG
Current Regulation Set and Charge Control Enable
9—
EP
Exposed Thermal Pad (EP); must be connected to VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com