Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP73831-2ACI/OT Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP73831-2ACI/OT
Description  Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73831-2ACI/OT Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP73831-2ACI/OT Datasheet HTML 10Page - Microchip Technology MCP73831-2ACI/OT Datasheet HTML 11Page - Microchip Technology MCP73831-2ACI/OT Datasheet HTML 12Page - Microchip Technology MCP73831-2ACI/OT Datasheet HTML 13Page - Microchip Technology MCP73831-2ACI/OT Datasheet HTML 14Page - Microchip Technology MCP73831-2ACI/OT Datasheet HTML 15Page - Microchip Technology MCP73831-2ACI/OT Datasheet HTML 16Page - Microchip Technology MCP73831-2ACI/OT Datasheet HTML 17Page - Microchip Technology MCP73831-2ACI/OT Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
MCP73831/2
DS20001984G-page 14
 2005-2014 Microchip Technology Inc.
4.5
Fast Charge Constant-Current
Mode
During the Constant-Current mode, the programmed
charge current is supplied to the battery or load. The
charge current is established using a single resistor
from PROG to VSS. Constant-Current mode is
maintained until the voltage at the VBAT pin reaches the
regulation voltage, VREG.
4.6
Constant-Voltage Mode
When the voltage at the VBAT pin reaches the
regulation voltage, VREG, constant voltage regulation
begins. The regulation voltage is factory set to 4.2V,
4.35V, 4.40V or 4.50V with a tolerance of ±0.75%.
4.7
Charge Termination
The charge cycle is terminated when, during Constant-
Voltage mode, the average charge current diminishes
below a percentage of the programmed charge current
(established with the value of the resistor connected to
the PROG pin). A 1 ms filter time on the termination
comparator ensures that transient load conditions do
not result in premature charge cycle termination. The
percentage or ratio of the current is factory set. Refer to
Section 1.0 “Electrical Characteristics” for charge
termination
current
options
and
the
Product
Identification System for standard options.
The charge current is latched off and the MCP73831/2
enter a Charge Complete mode.
4.8
Automatic Recharge
The MCP73831/2 continuously monitor the voltage at
the VBAT pin in the Charge Complete mode. If the
voltage drops below the recharge threshold, another
charge cycle begins and current is once again supplied
to the battery or load. The recharge threshold is factory
set. Refer to Section 1.0 “Electrical Characteristics”
for recharge threshold options and the Product
Identification System for standard options.
4.9
Thermal Regulation
The MCP73831/2 limit the charge current based on the
die temperature. The thermal regulation optimizes the
charge cycle time while maintaining device reliability.
Figure 4-2 depicts the thermal regulation for the
MCP73831/2.
FIGURE 4-2:
Thermal Regulation.
4.10
Thermal Shutdown
The MCP73831/2 suspend charge if the die tempera-
ture exceeds 150°C. Charging will resume when the
die temperature has cooled by approximately 10°C.
0
75
150
225
300
375
450
525
Junction Temperature (°C)
RPROG = 2 k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com