Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2641 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2641
Description  Dual Adjustable Step-Down Switching Power Supply Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2641 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM2641 Datasheet HTML 7Page - National Semiconductor (TI) LM2641 Datasheet HTML 8Page - National Semiconductor (TI) LM2641 Datasheet HTML 9Page - National Semiconductor (TI) LM2641 Datasheet HTML 10Page - National Semiconductor (TI) LM2641 Datasheet HTML 11Page - National Semiconductor (TI) LM2641 Datasheet HTML 12Page - National Semiconductor (TI) LM2641 Datasheet HTML 13Page - National Semiconductor (TI) LM2641 Datasheet HTML 14Page - National Semiconductor (TI) LM2641 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Theory of Operation (Continued)
losses. The load current value where the transition from
fixed-frequency to pulse-skipping operation occurs is the
point where the inductor current goes low enough to cause
the voltage measured across the current sense resistor (R4
or R13) to drop below 25 mV.
In pulse-skipping mode, the high-side FET switch will turn
ON at the beginning of the first clock cycle which occurs after
the voltage at the feedback pin falls below the reference volt-
age. The high-side FET switch remains ON until the voltage
across the current sense resistor rises to 25 mV (and then it
turns OFF).
Ramp Compensation
All current-mode controllers require the use of ramp com-
pensation to prevent subharmonic oscillations, and this com-
pensation is built into the LM2641. The internal compensa-
tion assumes an R
SENSE value of 25 mΩ, inductor value of
6.8µH, and a maximum output voltage of 6V.
To prevent oscillations, the slope M of the compensation
ramp must be equal to the maximum downward slope of the
voltage waveform at the output of the current sense ampli-
fier. The relationship of the slope M to the external compo-
nents is given by:
M
COMP = MCS AMP (max) = NXRSENSE XVOUT (max) / L
Where:
M
COMP is the slope of the compensation ramp.
M
CS AMP (max) is the maximum downward slope of the volt-
age at the output of the current sense amplifier.
N is the gain of the current sense amplifier.
R
SENSE is the value of the current sense resistor.
V
OUT (max) is the maximum output voltage.
L is the inductance of the output inductor.
It is important to note that since the value R
SENSE appears in
the numerator and L is in the denominator, these two values
may be increased or decreased at the same ratio without
changing the slope.
At higher values of load current, a lower value R
SENSE will be
selected. The inductance value for the output inductor
should be decreased by the same percentage to maintain
correct ramp compensation.
Application Information
Improved Transient Response
If the output voltage falls below 97% of the nominal value,
the low-voltage regulation (LREG) comparator will activate
logic which turns ON the high-side FET switch continuously
until the output returns to nominal. The low-side FET switch
is held OFF during this time.
This action will improve transient response since it bypasses
the error amplifier and PWM comparator, forcing the
high-side switch ON until the output returns to nominal. This
feature is disabled during start-up.
Boost High-Side Gate Drive
A “flying” bootstrap capacitor is used to generate the gate
drive voltage used for the high-side FET switch. This boot-
strap capacitor is charged up to about 5V using an internal
supply rail and diode when ever the low-side FET switch is
ON. When the high-side FET switch turns ON, the Source is
pulled up near the input voltage. The voltage across the
bootstrap capacitor boosts up the gate drive voltage, ensur-
ing that the Gate is driven at least 4.3V higher than the
Source.
Reference
The internal bandgap reference is used to generate a 2.5V
reference voltage which is connected to the REF pin. The
guaranteed tolerance of the REF voltage is ±2% over the full
operating temperature range, as long as the current drawn is
≤ 5 mA.
A bypass capacitor on the REF pin is not required, but may
be used to reduce noise.
5V LIN Output
The LM2641 contains a built-in 5V/50 mA LDO regulator
whose output is connected to the LIN pin. Since this is an
LDO regulator, it does require an external capacitor to main-
tain stability. A good quality Tantalum capacitor
≥ 4.7µF is
recommended.
Since the current limit for this LDO regulator is set at about
85 mA, it can be used at load currents up to about 50 mA
(assuming total IC power dissipation does not exceed the
maximum value).
Guaranteed specifications are provided for worst-case val-
ues of V
LIN over the full operating temperature range for load
currents up to 25mA (see Electrical Characteristics). To esti-
mate how the V
LIN output voltage changes when going from
I
LIN = 25mA to ILIN = 50mA, a change in VLIN of about
−30mV should be expected due to loading (typical value
only, not guaranteed). This decrease in V
LIN is linear with in-
creasing load current.
It must be understood that the maximum allowable current of
50mA must include the current drawn by the gate drive cir-
cuitry. This means that the maximum current available for
use at the LIN pin is 50 mA minus whatever is being used in-
ternally for gate drive.
The amount of current used for gate drive by each switching
output can be calculated using the formula:
I
GD =2XQXFOSC
Where:
I
GD is the gate drive current supplied by VLIN.
Q is the gate charge required by the selected FET (see FET
data sheet: Gate Charge Characteristics).
F
OSC is the switching frequency.
Example: As shown in the typical application, if the FET
NDS8410 is used with the LM2641, the turn-on gate voltage
(V
GS)is5V−VDIODE = 4.3V. Referring to the NDS8410 data
sheet, the curve Gate Charge Characteristics shows that the
gate charge for this value of V
GS is about 24 nC.
Assuming 300 kHz switching frequency, the gate drive cur-
rent used by each switching output is:
I
GD = 2XQXFOSC
= 2X(24X10−9)X(3X105)
= 14.4 mA
If both outputs are switching, the total gate drive current
drawn would be twice (28.8 mA).
Note that in cases where the voltage at switching output #1
is 4.8V or higher, the internal gate drive current is obtained
from that output (which means the full 50 mA is available for
external use at the LIN pin).
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com