Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2641 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2641
Description  Dual Adjustable Step-Down Switching Power Supply Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2641 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM2641 Datasheet HTML 10Page - National Semiconductor (TI) LM2641 Datasheet HTML 11Page - National Semiconductor (TI) LM2641 Datasheet HTML 12Page - National Semiconductor (TI) LM2641 Datasheet HTML 13Page - National Semiconductor (TI) LM2641 Datasheet HTML 14Page - National Semiconductor (TI) LM2641 Datasheet HTML 15Page - National Semiconductor (TI) LM2641 Datasheet HTML 16Page - National Semiconductor (TI) LM2641 Datasheet HTML 17Page - National Semiconductor (TI) LM2641 Datasheet HTML 18Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Design Procedure (Continued)
It is also recommended that a 0.1µF ceramic capacitor be
placed from V
IN to ground for high frequency bypassing, lo-
cated as close as possible to the V
IN pin.
OUTPUT CAPACITORS
The output capacitor(s) are critical in loop stability (covered
in a previous section) and also output voltage ripple.
The types best suited for use as output capacitors are alumi-
num electrolytics and solid Tantalum.
Aluminum Electrolytics
The primary advantage of aluminum electrolytics is that they
typically give the maximum capacitance-to-size ratio, and
they are reasonably priced. However, it must be noted that
aluminum electrolytics used in high-performance switching
regulator designs must be high frequency, low ESR types
such as Sanyo OSCON or Panasonic HFQ which are spe-
cifically designed for switching applications. Capacitors such
as these with good high frequency (
≥ 100kHz) specifications
are not cheap.
Aluminum electrolytic capacitors should generally not be
used in switching regulator applications where the ambient
temperature goes below 0˚C. A typical low-voltage aluminum
electrolytic has an ESR vs. Temperature curve that is fairly
flat from 25˚C to 125˚C. However, a temperature change
from 25˚C to 0˚C will approximately double the ESR, and it
will double again going from 0˚C down to −20˚C.
Tantalum
Solid Tantalum capacitors are best in applications which
must operate over a wide temperature range. A good quality
Tantalum will typically exhibit less than 2:1 change in ESR
over the temperature range of +125˚C to −40˚C. Recom-
mended types are Sprague 593D, Sprague 594D, and AVX
TPS series.
Selecting An Output Capacitor
The required value of output capacitance is directly related
to the specification for the maximum amount of output volt-
age ripple allowed in the application. Since ESR effects the
ripple voltage, it is important to have a guideline for ESR.
The maximum allowed ESR can be calculated as follows.
V
RIPPLE = IRIPPLE *ESR(max)
Using V = Ldi/dt
V
OUT = L *IRIPPLE/{(1−D)TS} = L *IRIPPLE *FS/(1−D)
I
RIPPLE = VOUT*(1−D)/)L *FS)
ESR(max) = V
RIPPLE/IRIPPLE
A reasonable value for C
OUT can be obtained by choosing
capacitors with net ESR less than 1⁄2 of ESR(max).
Hence,
ESR(max) = V
RIPPLE*L* FS/{VOUT(1−D)}
The value of C
OUT necessary to meet the voltage ripple
specification can be found using the approximation:
Where:
I
RIPPLE is the inductor ripple current.
V
RIPPLE is the output ripple voltage.
ESR is the equivalent series resistance of the output capaci-
tor.
F is the switching frequency, F
S.
T
S = 1/FS.
The ESR term predominates in determining output ripple
voltage. Good quality Tantalum capacitors have guaranteed
maximum specifications for ESR, but the typical values for
ESR are usually considerably lower than the maximum limit.
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com