Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2645 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2645
Description  Advanced Two-Phase Switching Controller With Two Linear Outputs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2645 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM2645 Datasheet HTML 7Page - National Semiconductor (TI) LM2645 Datasheet HTML 8Page - National Semiconductor (TI) LM2645 Datasheet HTML 9Page - National Semiconductor (TI) LM2645 Datasheet HTML 10Page - National Semiconductor (TI) LM2645 Datasheet HTML 11Page - National Semiconductor (TI) LM2645 Datasheet HTML 12Page - National Semiconductor (TI) LM2645 Datasheet HTML 13Page - National Semiconductor (TI) LM2645 Datasheet HTML 14Page - National Semiconductor (TI) LM2645 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Electrical Characteristics (Continued)
Unless otherwise specified, V
IN = 15V, SGND = PGND = 0V, VLIN5 = VDD1 = VDD2. Limits appearing in boldface type ap-
ply over the entire operating junction temperature range, 0˚C to +125˚C. Specifications appearing in plain type are measured
using low duty cycle pulse testing with T
A = 25˚C (Note 5), (Note 6). Min/Max limits are guaranteed by design, test, or statisti-
cal analysis.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
SYSTEM
I
IL
Maximum Input Leakage
Current (SD,
FPWM/2NDFB, ON1,
ON2, FSEL).
Logic Input Voltage 0 or 5V
±0.1
µA
Logic Outputs
I
OL
PGOOD Low Sink
Current
V
PGOOD = 0.4V
1.4
mA
I
OH
PGOOD High Leakage
Current
V
PGOOD =5V
50
200
nA
Note 1: Absolute maximum ratings indicate limits beyond which damage to the device may occur. Operating Ratings are conditions under which operation of the
device is guaranteed. For guaranteed performance limits and associated test conditions, see the Electrical Characteristic tables.
Note 2: Maximum allowable power dissipation is calculated by using PDMAX =(TJMAX -TA)/θJA, where TJMAX is the maximum junction temperature, TA is the
ambient temperature and
θJA is the junction-to-ambient thermal resistance of the specified package. The 1.56W rating results from using 150˚C, 25˚C, and 80˚C/W
for TJMAX,TA, and θJA respectively. A θJA of 90˚C/W represents the worst-case condition of no heat sinking of the 48-pin TSSOP. Heat sinking allows the safe
dissipation of more power. The Absolute Maximum power dissipation should be derated by 12.5mW per ˚C above 25˚C ambient. The LM2645 actively limits its
junction temperature to about 150˚C.
Note 3: For detailed information on soldering plastic small-outline packages, refer to the Packaging Databook available from National Semiconductor Corporation.
Note 4: Except for SW1, SW2, CBOOT1 and CBOOT2 pins which are 1.5kV. For testing purposes, ESD was applied using the human-body model, a 100pF
capacitor discharged through a 1.5k
Ω resistor.
Note 5: A typical is the center of characterization data measured with low duty cycle pulse tsting at TA = 25˚C. Typicals are not guaranteed.
Note 6: All limits are guaranteed. All electrical characteristics having room-temperature limits are tested during production with TA =TJ = 25˚C. All hot and cold limits
are guaranteed by correlating the electrical characteristics to process and temperature variations and applying statistical process control.
Note 7: Both switching controllers are OFF. The linear regulators VLIN5 and 3OUT remain ON.
Note 8: The output voltage at the VLIN5 pin may be as high as 6.5V in shutdown mode (SD
≤ 0.6V).
Note 9: When SS1, SS2 pins are charged above this voltage and either of the output voltage at VOUT1 or VOUT2 is still below the regulation limit, the under voltage
protection feature is initialized.
Note 10: Above this voltage, the under voltage protection is enabled.
Note 11: For each device, there is a 10% (typical) gap of the measured output voltage between the PGOOD signal transitions from high to low and the under voltage
protection is activated. The under voltage protection will not be activated while the PGOOD signal is in the logic HIGH state.
Note 12: During normal shutdown or UVP, LDRV1or LDRV2 pin goes high when VO1, VO2 detects an output voltage below this level.
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com