Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2645 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2645
Description  Advanced Two-Phase Switching Controller With Two Linear Outputs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2645 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LM2645 Datasheet HTML 12Page - National Semiconductor (TI) LM2645 Datasheet HTML 13Page - National Semiconductor (TI) LM2645 Datasheet HTML 14Page - National Semiconductor (TI) LM2645 Datasheet HTML 15Page - National Semiconductor (TI) LM2645 Datasheet HTML 16Page - National Semiconductor (TI) LM2645 Datasheet HTML 17Page - National Semiconductor (TI) LM2645 Datasheet HTML 18Page - National Semiconductor (TI) LM2645 Datasheet HTML 19Page - National Semiconductor (TI) LM2645 Datasheet HTML 20Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Operation Descriptions (Continued)
Likewise, if the LDODRV pin is not used, connect the LD-
OFB pin to VLIN5 as shown in
Figure 4 to disable this
channel and the under voltage protection associated with it.
Switching Noise Reduction
Power MOSFETs are very fast switching devices. In syn-
chronous rectifier converter, rapid drain current rise rate of
the top FET coupled with parasitic inductance will generate
unwanted Ldi/dt spikes noise at the source node of the FET
(SWx node). The magnitude of the spike noise will increase
as the output current increases. This parasitic spike noise
may turn into electromagnetic interference (EMI) that may
cause trouble to the system performance, therefore, must be
suppressed.
As shown in
Figure 5, adding a resistor in series with the
CBOOTx pin will slowdown the gate drive (HDRVx) rise time
of the top FET to yield a desired drain current transition time.
Usually a 3.3 to 5.1 ohm resistor is sufficient to suppress the
noise. The top FET switching loss will increase with higher
resistance values.
Input Power Supply Cycling
If the input supply is removed during operation and then
re-applied before the power-on-reset signal has been reset,
the part will remain latched off. A solution for this problem is
shown in
Figure 6, using a voltage divider of 4:5 ratio to pull
the SD pin up to VLIN5. With the voltage divider, the SD pin
always falls below the logic low level and executes the
power-on-reset after VIN drops below 3V. External shudown
control is included as an option.
Dual-Phase Parallel Outputs
In applications with high output current demand, the two
switching channels can be configured to operate as a
two-phase converter to provide a single output voltage with
current sharing between the two switching channels. This
approach greatly reduces the stress and heat on the output
stage components while lowering input ripple current.
Figure
7 shows a typical example for the two-phase operation.
Because precision current sense is the primary design crite-
ria to ensure accurate current sharing between the two
channels, both channels must use external sense resistors
for current sensing. To minimize the error between the error
amplifiers of the two channel, tie the feedback pins FB1_FIX
and FB2_FIX together and connect to one voltage divider for
output voltage sensing. Also, tie the COMP1 and COMP2
together and connect to the compensation network. Since
there is only one output involved, POOGD1 and 2, and VO1
and 2 should be connected in pairs for monitoring the single
output rail. ON1 and ON2 should be tied together to enable
and disable both channels simultaneously.
20015925
FIGURE 3. Connecting OUT3 to VLIN5 when not in use
20015924
FIGURE 4. Connecting LDOFB to VLIN5 to disable the
LDODRV and the UVP associated with it
20015926
FIGURE 5. Adding a resistor in series with the CBOOT
pin to suppress the turn-on switching noise
20015927
FIGURE 6. Voltage divider ratio for SD pin
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com