Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB4. Datasheet(PDF) 3 Page - STMicroelectronics

Part # DB4.
Description  DIAC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DB4. Datasheet(HTML) 3 Page - STMicroelectronics

  DB4. Datasheet HTML 1Page - STMicroelectronics DB4. Datasheet HTML 2Page - STMicroelectronics DB4. Datasheet HTML 3Page - STMicroelectronics DB4. Datasheet HTML 4Page - STMicroelectronics DB4. Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DB3 DB4 SMDB3
3/5
10mA
IBO
IB
-V
+ V
+IF
-IF
0,5 VBO
VBO
V
VF
Diagram 1: Voltage - current characteristic curve.
D.U.T
Vo
C=0.1µF
220 V
50 Hz
500 k
Ω
10 k
Ω
R=20
Ω
I
P
Rs=0
T410
Diagram 2: Test circuit.
90 %
lp
10 %
tr
Diagram 3: Rise time measurement.
Part Number
Marking
Weight
Base Quantity
Packing Mode
SMDB3
DB3
0.01 g
3000
Tape & Reel
DB3
DB3 (Blue Body Coat)
0.15 g
5000
Tape & Reel
DB4
DB4 (Blue Body Coat)
0.15 g
5000
Tape & Reel
OTHER INFORMATION



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com