Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB4. Datasheet(PDF) 4 Page - STMicroelectronics

Part # DB4.
Description  DIAC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DB4. Datasheet(HTML) 4 Page - STMicroelectronics

  DB4. Datasheet HTML 1Page - STMicroelectronics DB4. Datasheet HTML 2Page - STMicroelectronics DB4. Datasheet HTML 3Page - STMicroelectronics DB4. Datasheet HTML 4Page - STMicroelectronics DB4. Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DB3 DB4 SMDB3
4/5
10
20
50
100
200
500
0
5
10
15
20
25
30
35
40
C(nF)
tp(µs)
Tj=25°C
0
Ω
10
Ω
22
Ω
68
Ω
47
Ω
33
Ω
Fig. 3: Time duration while current pulse is higher
50mA versus C and Rs (typical values).
PACKAGE MECHANICAL DATA (in millimeters)
DO-35
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
3.05
4.50
0.120
0.177
B
1.53
2.00
0.060
0.079
C
28.00
1.102
D
0.458
0.558
0.018
0.022
CA
B
O
/
O
/ D
O
/ D
C
25
50
75
100
125
0.80
0.85
0.90
0.95
1.00
1.05
1.10
Tj(°C)
VBO [Tj] / VBO [Tj=25°C]
SMDB3
DB3/DB4
Fig. 1: Relative variation of VBO versus junction
temperature (typical values).
1
10
100
0.1
1.0
10.0
20.0
tp(µs)
ITRM(A)
SMDB3
DB3/DB4
F=120Hz
Tj initial=25°C
Fig. 2: Repetitive peak pulse current versus pulse
duration (maximum values).



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com