Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP19035-AAAAE/MF Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP19035-AAAAE/MF
Description  High-Speed Synchronous Buck Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19035-AAAAE/MF Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP19035-AAAAE/MF Datasheet HTML 7Page - Microchip Technology MCP19035-AAAAE/MF Datasheet HTML 8Page - Microchip Technology MCP19035-AAAAE/MF Datasheet HTML 9Page - Microchip Technology MCP19035-AAAAE/MF Datasheet HTML 10Page - Microchip Technology MCP19035-AAAAE/MF Datasheet HTML 11Page - Microchip Technology MCP19035-AAAAE/MF Datasheet HTML 12Page - Microchip Technology MCP19035-AAAAE/MF Datasheet HTML 13Page - Microchip Technology MCP19035-AAAAE/MF Datasheet HTML 14Page - Microchip Technology MCP19035-AAAAE/MF Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
 2012-2013 Microchip Technology Inc.
DS22326B-page 11
MCP19035
3.0
PIN DESCRIPTION
Description of the pins are listed in Table 3-1.
3.1
Shutdown Input Pin (SHDN)
This pin enables or disables the MCP19035 device.
When logic “High” is applied to this pin, the device is
enabled. A logic “Low” will disable the device. When
the device is disabled, both the LDRV and HDRV pins
are held low. The internal LDO regulator is also dis-
abled when the SHDN pin is pulled low. Do not let this
pin float. If not used, connect to VIN using a 100 k
resistor.
3.2
Feedback Voltage Input Pin (FB)
This is the internal error amplifier’s negative input, and
is used to sense the output voltage. The positive input
to the amplifier is connected to the internal reference
voltage.
3.3
Internal Error Amplifier Pin
(COMP)
This is the output of the internal error amplifier. The
compensation network is connected between this pin
and the FB pin.
3.4
Input Voltage Pin (VIN)
This pin is the input power for the controller. A bypass
capacitor must be connected between this pin and the
GND pin. The input of an internal voltage regulator
(LDO) is connected to this pin to generate the +5V VCC
used for internal circuitry bias.
3.5
Power Good Pin (PWRGD)
The power good pin is an open drain output. This pin is
pulled low when the output is 90% less than the typical
value. Connect this pin to +VCC pin through a pull-up
resistor. The recommended value for the pull-up resis-
tor is 100 kΩ.
3.6
LDO Output Voltage Pin (+VCC)
This pin is the output of the internal voltage regulator
(LDO). The internal circuitry of the controller is powered
from this pin (+5.0V). External low noise loads can be
powered from this pin, but the sum of the external load
current and the internal circuitry current should not
exceed 50 mA. A 4.7 μF ceramic capacitor must be
connected between this pin and GND.
3.7
Lower Gate Pin (LDRV)
This pin is the drive output for the low-side N-Channel
MOSFET (synchronous rectifier). The LDRV drive is
capable of sourcing 1A and sinking 1.5A.
3.8
Bootstrap Supply Pin (BOOT)
The BOOT pin is the floating bootstrap power supply
pin for the high-side MOSFET gate driver. A capacitor
connected between this pin and the PHASE pin pro-
vides the necessary charge to turn on the external
high-side MOSFET.
TABLE 3-1:
PIN DESCRIPTION TABLE
MCP19035
3x 3 DFN
Symbol
Description
1
SHDN
Device shutdown input pin
2
FB
Feedback voltage input pin
3
COMP
Internal error amplifier output pin
4VIN
Input voltage pin
5
PWRGD
Power good pin
6+VCC
+5.0V output voltage pin
7
LDRV
Lower gate drive output pin
8
BOOT
Floating bootstrap supply pin
9
PHASE
Switching node pin
10
HDRV
Upper gate drive output pin
11
EP
Exposed Thermal Pad, must be connected to GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com