Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP19035-AAAAE/MF Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP19035-AAAAE/MF
Description  High-Speed Synchronous Buck Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19035-AAAAE/MF Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP19035-AAAAE/MF Datasheet HTML 12Page - Microchip Technology MCP19035-AAAAE/MF Datasheet HTML 13Page - Microchip Technology MCP19035-AAAAE/MF Datasheet HTML 14Page - Microchip Technology MCP19035-AAAAE/MF Datasheet HTML 15Page - Microchip Technology MCP19035-AAAAE/MF Datasheet HTML 16Page - Microchip Technology MCP19035-AAAAE/MF Datasheet HTML 17Page - Microchip Technology MCP19035-AAAAE/MF Datasheet HTML 18Page - Microchip Technology MCP19035-AAAAE/MF Datasheet HTML 19Page - Microchip Technology MCP19035-AAAAE/MF Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
MCP19035
DS22326B-page 16
 2012-2013 Microchip Technology Inc.
For the low-side overcurrent protection, when the
sensed voltage drop across the low-side MOSFET is
greater than the low-side overcurrent threshold voltage
specified,
a
low-side
overcurrent
counter
is
incremented by one count. On the next cycle, if the low-
side over current threshold voltage is not exceeded, the
low-side overcurrent counter is decreased by one. If
the low-side overcurrent counter reaches a count of 7,
a fault condition exists and the MCP19035 turns off
both external MOSFETs. After a 60 ms delay, the
MCP19035 device will attempt to restart. If during the
next cycle, a low-side overcurrent threshold voltage is
measured across the low-side MOSFET, a fault is
again declared and both external MOSFETs are turned
off for another 60 ms. However, if after the attempted
restart a low-side overcurrent threshold voltage is not
measured across the low-side MOSFET, the low-side
overcurrent counter is decreased by one and the
MCP19035 continues to operate until the low-side
overcurrent counter reaches a count of 7.
The voltage threshold for high-side overcurrent
protection circuit is fixed, 480 mV typical. The high-side
voltage threshold will also depend on the value of the
voltage across the bootstrap circuit capacitor, and will
decrease when this voltage decreases. This will ensure
that the high-side protection will avoid a failure of the
MOSFET when the bootstrap voltage is low and the
switching losses are high. This threshold will provide a
cycle-by-cycle protection in case of short circuit, but it
should not be used to provide a precise current limit for
the converter. An estimation of the current that flows in
the high-side MOSFET during short circuit can be
found using Equation 4-2. Note that, due to the leading
edge blanking time, this current also depends on the
inductor's ripple current. To avoid false triggering of the
high-side
overcurrent
protection
circuit
during
transients, it is highly recommended to choose a
MOSFET that will provide a threshold at least four
times higher than the maximum output current of the
converter.
EQUATION 4-2:
PEAK CURRENT FOR
HIGH-SIDE MOSFET
The voltage threshold for the low-side overcurrent
protection circuit is fixed, 180 mV typical. Different
values for this threshold (from 100 mV to 300 mV) are
available on request. An estimation of the current that
flows on the low-side MOSFET during short circuit is
realized using Equation 4-3. Note that, due to the
leading edge blanking time, this current also depends
on the inductor's ripple current. To avoid false triggering
of the low-side over current protection circuit during
transients, it is highly recommended to choose a
MOSFET that will provide a threshold at least two times
higher than the maximum output current of the
converter.
EQUATION 4-3:
To avoid a false trigger of the overcurrent circuit, a
leading edge blanking circuit is present on both the
high and low-side measurements. Due to this blanking
time, the accuracy of the overcurrent circuit may be
impacted if the converter operates at higher duty cycles
(more than 85%), or if the inductor's current ripple is
very high (i.e. the inductor is saturated by the excessive
current).
I
HS MOS
V
OC HS
R
DSON
-----------------
=
Where:
IHS MOS = Current that passes through the
High-Side MOSFET
VOC HS = Threshold Voltage for High-Side
Overcurrent Protection Circuit
(480 mV)
RDSON = ON Resistance of the High-Side
MOSFET
I
LS MOS
V
OC LS
R
DSON
-----------------
=
Where:
ILS MOS = Current that passes through the
Low-Side MOSFET
VOC LS = Threshold Voltage for Low-Side
Overcurrent Protection Circuit
(180 mV)
RDSON = ON Resistance of the Low-Side
MOSFET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com