Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP19035T-BAABE/MF Datasheet(PDF) 33 Page - Microchip Technology

Part # MCP19035T-BAABE/MF
Description  High-Speed Synchronous Buck Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19035T-BAABE/MF Datasheet(HTML) 33 Page - Microchip Technology

Back Button MCP19035T-BAABE/MF Datasheet HTML 29Page - Microchip Technology MCP19035T-BAABE/MF Datasheet HTML 30Page - Microchip Technology MCP19035T-BAABE/MF Datasheet HTML 31Page - Microchip Technology MCP19035T-BAABE/MF Datasheet HTML 32Page - Microchip Technology MCP19035T-BAABE/MF Datasheet HTML 33Page - Microchip Technology MCP19035T-BAABE/MF Datasheet HTML 34Page - Microchip Technology MCP19035T-BAABE/MF Datasheet HTML 35Page - Microchip Technology MCP19035T-BAABE/MF Datasheet HTML 36Page - Microchip Technology MCP19035T-BAABE/MF Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
 2012-2013 Microchip Technology Inc.
DS22326B-page 33
MCP19035
TABLE 6-5:
BILL OF MATERIALS
Qty Reference
Value
Manufacturer
Manufacturer Part
Number
Description
1
C1
1.2 nF
KEMET®
Electronic Corp.
C0603C122J1GACTU
Cap. Ceramic 1200 PF 100V 5% NP0
0603
1
C2
6.8 nF
KEMET
Electronic Corp.
C0603C682J5GACTU
Cap. Ceramic 6800 PF 50V 5% NP0
0603
1
C3
68 pF
KEMET
Electronic Corp.
C0603C680J1GACTU
Cap. Ceramic 68 PF 100V 5% NP0 0603
1
C4
0.33 µF MURATA
Electronics®
GRM188R71C334KA01D Cap. Ceramic 0.33 µF16V 10% X7R
0603
5
C5, C6,
C7, C8, C9
100 µF TDK® Corporation
C3225X5R0J107M
Cap. Ceramic 100 µF 6.3V 20% X5R
1210
2
C10, C11
22 µF
MURATA
Electronics
GRM32ER71E226KE15L Cap. Ceramic 22 µF 25V 10% X7R 1210
1
C12
1 µF
TDK Corporation
CGA4J3X7R1V105K
Cap. Ceramic 1 µF 35V 10% X7R 0805
1
C13
4.7 µF
TDK Corporation
C2012X5R1E475K
Cap. Ceramic 4.7 µF 25V X5R 0805
2
J1, J2
On-Shore
Technology Inc.
ED120/2DS
Terminal Block 5.08 mm Vert. 2 POS
1L1
1.5 µH
Wurth
Electronik Group
7443320150
Inductor Power 1.5 µH 19.5A SMD
1
Q1
Microchip
Technology Inc.
MCP87050T-U/MF
High-Speed N-Channel Power MOSFET,
5x6 mm PDFN
1
Q2
Microchip
Technology Inc.
MCP87022T-U/MF
High-Speed N-Channel Power MOSFET,
5x6 mm PDFN
1R1
20 kΩ
Panasonic® - ECG ERJ-3EKF2002V
Res. 20k Ohm 1/10W 1% 0603 SMD
1R2
10 kΩ
Panasonic - ECG
ERJ-3GEYJ103V
Res. 10k Ohm 1/10W 5% 0603 SMD
1R3
750Ω
Vishay®/Dale
Intertechnology
CRCW0603750RFKEA
Res. 750 OHM 1/10W 1% 0603 SMD
1R4
8.2 kΩ
Panasonic - ECG
ERJ-3EKF8201V
Res. 8.2k Ohm 1/10W 1% 0603 SMD
1R5
1 MΩ
Panasonic - ECG
ERJ-3EKF1004V
Res. 1M Ohm 1/10W 1% 0603 SMD
1R6
100 kΩ Panasonic - ECG
ERJ-3EKF1003V
Res. 100k Ohm 1/10W 1% 0603 SMD
1
U1
Microchip
Technology Inc.
MCP19035-AAABE/MF
High Speed Synchronous
Buck Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com