Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP19035T-BAABE/MF Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP19035T-BAABE/MF
Description  High-Speed Synchronous Buck Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19035T-BAABE/MF Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP19035T-BAABE/MF Datasheet HTML 4Page - Microchip Technology MCP19035T-BAABE/MF Datasheet HTML 5Page - Microchip Technology MCP19035T-BAABE/MF Datasheet HTML 6Page - Microchip Technology MCP19035T-BAABE/MF Datasheet HTML 7Page - Microchip Technology MCP19035T-BAABE/MF Datasheet HTML 8Page - Microchip Technology MCP19035T-BAABE/MF Datasheet HTML 9Page - Microchip Technology MCP19035T-BAABE/MF Datasheet HTML 10Page - Microchip Technology MCP19035T-BAABE/MF Datasheet HTML 11Page - Microchip Technology MCP19035T-BAABE/MF Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
MCP19035
DS22326B-page 8
 2012-2013 Microchip Technology Inc.
Note:
Unless otherwise indicated, TA =+25°C, VIN = 12V, VOUT = 1.8V, fSW = 300 kHz, CVCC = 4.7 uF.
FIGURE 2-7:
+VCC-OUT LDO PSRR vs.
Frequency.
FIGURE 2-8:
Relative Reference Voltage
Variation vs. Temperature.
FIGURE 2-9:
UVLO Thresholds vs.
Temperature.
FIGURE 2-10:
Soft Start Time vs.
Temperature.
FIGURE 2-11:
High-Side Overcurrent
Threshold vs. Temperature.
FIGURE 2-12:
Low-Side Overcurrent
Threshold vs. Temperature.
-50.0
-30.0
-10.0
-90.0
-70.0
10
1000
100000
Frequency (Hz)
0
0.1
0.2
-0.2
-0.1
-50
0
50
100
150
Junction Temperature (°C)
3
4
5
V
IN Rising
V
IN Falling
2
3
-50
0
50
100
150
Junction Temperature (°C)
8.0
9.0
10.0
11.0
12.0
I
OUT = 1 A
f
SW = 600 kHz
f
SW = 300 kHz
5.0
6.0
7.0
-50
0
50
100
150
Junction Temperature (°C)
f
SW
300 kHz
400
500
600
V
CBOOT = 5V
300
400
-50
0
50
100
150
Junction Temperature (°C)
-100
0
-200
-50
0
50
100
150
Junction Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com