Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR280ART-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # ADR280ART-R2
Description  1.2 V Ultralow Power High PSRR Voltage Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR280ART-R2 Datasheet(HTML) 5 Page - Analog Devices

  ADR280ART-R2 Datasheet HTML 1Page - Analog Devices ADR280ART-R2 Datasheet HTML 2Page - Analog Devices ADR280ART-R2 Datasheet HTML 3Page - Analog Devices ADR280ART-R2 Datasheet HTML 4Page - Analog Devices ADR280ART-R2 Datasheet HTML 5Page - Analog Devices ADR280ART-R2 Datasheet HTML 6Page - Analog Devices ADR280ART-R2 Datasheet HTML 7Page - Analog Devices ADR280ART-R2 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ADR280
–4–
ADR280
–5–
The ADR280 provides the core 1.2 V band gap voltage and is
able to drive a maximum load of only 100 µA. Users can simply
buffer the output for high current or sink/source current applica-
tions, such as ADC or LCD driver references (see Figure 5).
V+
VOUT
0.1F
0.1F
V–
ADR280
VOUT
U1
U2
U2 = AD8541, SC70
AD8601, SOT-23-5
Figure 5. Buffered Output
Users can also tailor any specific need for voltage and dynamics
with an external op amp and discrete components (see Figure 5).
Depending on the specific op amp and PCB layout, it may be
necessary to add a compensation capacitor, C2, to prevent gain
peaking and oscillation.The exact value of C2 needed requires
some trial and error but usually falls in the range of a few pF.
V+
VOUT
0.1F
V–
ADR280
U1
5V
5V
1.2V
U2
1.8V
R1
R2
60k 0.1%
120k 0.1%
C2
2.2pF
V+
V–
AD8541
VO
C1
Figure 6. 1.8 V Reference
LOW COST, LOW POWER CURRENT SOURCE
Because of its low power characteristics, the ADR280 can be
converted to a current source with just a setting resistor. In addi-
tion to the ADR280 current capability, the supply voltage and the
load limit the maximum current.The circuit in Figure 7 produces
100 µA with 2 V compliance at 5 V supply. The load current is
the sum of ISET and IGND. IGND will increase slightly with load; an
RSET of 13.6 k yields 100 µA of load current.
V+
VOUT
0.1F
V–
ADR280
U1
5V
1.2V
13.6k
C1
RSET
RL 1k IL
100A
IGND
IL = ISET + IGND
ISET
+
–
Figure 7. Low Cost Current Source
Precision Low Power Current Source
By adding a buffer to redirect the IGND in Figure 8, a current can
be precisely set by RSET with the equation IL = 1.2 V/RSET.
V+
VOUT
0.1F
V–
ADR280
U1
5V
C2
RSET
RL 1k
IL
100A
IL = 1.2V/RSET
V+
V–
5V
U2
12k
AD8541
Figure 8. Precision Low Power Current Source
Boosted Current Source
Adding one more buffer to the previous circuit boosts the current
to the level that is limited only by the buffer U2 current handling
capability (see Figure 9).
V+
VOUT
0.1F
V–
ADR280
U1
5V
C1
RSET
230
RL
500
IL
5mA
IL = 1.2V/RSET
V+
V–
5V
U3
V+
V–
5V
U2
U2 = U3 = AD8542, AD822
1.2V
+
–
Figure 9. Precision Current Source
REV. A
REV. A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com