Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM2321 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APM2321
Description  P-Channel Enhancement Mode MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM2321 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APM2321 Datasheet HTML 1Page - Anpec Electronics Coropration APM2321 Datasheet HTML 2Page - Anpec Electronics Coropration APM2321 Datasheet HTML 3Page - Anpec Electronics Coropration APM2321 Datasheet HTML 4Page - Anpec Electronics Coropration APM2321 Datasheet HTML 5Page - Anpec Electronics Coropration APM2321 Datasheet HTML 6Page - Anpec Electronics Coropration APM2321 Datasheet HTML 7Page - Anpec Electronics Coropration APM2321 Datasheet HTML 8Page - Anpec Electronics Coropration APM2321 Datasheet HTML 9Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.1 - Jun., 2003
www.anpec.com.tw
3
APM2321
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.5
1.0
1.5
2.0
2.5
0.0
0.6
1.2
1.8
2.4
3.0
3.6
01
23
45
0
1
2
3
4
5
-50
-25
0
25
50
75
100 125 150
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Typical Characteristics
Transfer Characteristics
TJ=-55°C
TJ=25°C
TJ=125°C
-VGS - Gate-to-Source Voltage (V)
Threshold Voltage vs. Junction Temperature
Tj - Junction Temperature (°C)
-IDS=250
µA
On-Resistance vs. Drain Current
-VGS=2.5V
-ID - Drain Current (A)
-VGS=4.5V
Output Characteristics
-VGS=4,5,6,7,8,9,10V
-VGS=3V
-VDS - Drain-to-Source Voltage (V)
-VGS=2V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com