Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM2321 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APM2321
Description  P-Channel Enhancement Mode MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM2321 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APM2321 Datasheet HTML 1Page - Anpec Electronics Coropration APM2321 Datasheet HTML 2Page - Anpec Electronics Coropration APM2321 Datasheet HTML 3Page - Anpec Electronics Coropration APM2321 Datasheet HTML 4Page - Anpec Electronics Coropration APM2321 Datasheet HTML 5Page - Anpec Electronics Coropration APM2321 Datasheet HTML 6Page - Anpec Electronics Coropration APM2321 Datasheet HTML 7Page - Anpec Electronics Coropration APM2321 Datasheet HTML 8Page - Anpec Electronics Coropration APM2321 Datasheet HTML 9Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.1 - Jun., 2003
www.anpec.com.tw
4
APM2321
0
4
8
12
16
20
0
50
100
150
200
250
0
123
45
678
0
1
2
3
4
5
-50
-25
0
25
50
75
100 125 150
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
1
2
3
4567
89
10
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Typical Characteristics (Cont.)
On-Resistance vs. Junction Temperature
-VGS=4.5V
-ID=0.9A
TJ - Junction Temperature (°C)
-VDS - Drain-to-Source Voltage (V)
Capacitance
Ciss
Coss
Crss
-VGS - Gate-to-Source Voltage (V)
-ID=0.9A
On-Resistance vs. Gate-to-Source Voltage
Gate Charge
QG - Gate Charge (nC)
-VDS=10V
-ID=0.9A
Frequency=1MHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com