Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM4953 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APM4953
Description  Dual P-Channel Enhancement Mode MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM4953 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APM4953 Datasheet HTML 1Page - Anpec Electronics Coropration APM4953 Datasheet HTML 2Page - Anpec Electronics Coropration APM4953 Datasheet HTML 3Page - Anpec Electronics Coropration APM4953 Datasheet HTML 4Page - Anpec Electronics Coropration APM4953 Datasheet HTML 5Page - Anpec Electronics Coropration APM4953 Datasheet HTML 6Page - Anpec Electronics Coropration APM4953 Datasheet HTML 7Page - Anpec Electronics Coropration APM4953 Datasheet HTML 8Page - Anpec Electronics Coropration APM4953 Datasheet HTML 9Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.2 - Feb., 2003
APM4953
www.anpec.com.tw
2
Symbol
Parameter
Rating
Unit
TA = 25°C
2.5
PD
Maximum Power Dissipation
TA = 100°C
1.0
W
TJ
Maximum Junction Temperature
150
TSTG
Storage Temperature Range
-55 to 150
°C
RθJA*
Thermal Resistance - Junction to Ambient
50
°C/W
Electrical Characteristics
(TA=25°C unless otherwise noted)
Absolute Maximum Ratings (Cont.) (T
A = 25°C unless otherwise noted)
APM4953
Symbol
Parameter
Test Condition
Min.
Typ=.
Max.
Unit
Static
BVDSS
Drain-Source Breakdown
Voltage
VGS=0V , IDS=-250µA
-30
V
IDSS
Zero Gate Voltage Drain
Current
VDS=-24V , VGS=0V
-1
µA
VGS(th)
Gate Threshold Voltage
VDS=VGS , IDS=-250µA
-1
-1.5
-2
V
IGSS
Gate Leakage Current
VGS=±25V , VDS=0V
±100
nA
VGS=-10V , IDS=-4.9A
53
60
RDS(ON)
Drain-Source On-state
Resistance>
VGS=-4.5V , IDS=-3.6A
80
95
mΩ
VSD
Diode Forward Voltage>
ISD=-1.7A , VGS=0V
-0.7
-1.3
V
Dynamic=
Qg
Total Gate Charge
22.3
29
Qgs
Gate-Source Charge
4.65
Qgd
Gate-Drain Charge
VDS=-15V , IGS=-10V
lD=-4.6A
2
nC
td(ON)
Turn-on Delay Time
10
18
Tr
Turn-on Rise Time
15
20
td(OFF)
Turn-off Delay Time
22
38
Tf
Turn-off Fall Time
VDD=-15V , ID=-2A ,
VGEN=-10V , RG=6Ω
RL=7.5Ω
15
25
ns
Ciss
Input Capacitance
1260
Coss
Output Capacitance
340
Crss
Reverse Transfer Capacitance
VGS=0V
VDS=-25V
Frequency=1.0MHz
220
pF

 Notes
a
: Pulse test ; pulse width ≤300µs, duty cycle ≤ 2%
b
: Guaranteed by design, not subject to production testing



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com