Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM4953 Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APM4953
Description  Dual P-Channel Enhancement Mode MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM4953 Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APM4953 Datasheet HTML 1Page - Anpec Electronics Coropration APM4953 Datasheet HTML 2Page - Anpec Electronics Coropration APM4953 Datasheet HTML 3Page - Anpec Electronics Coropration APM4953 Datasheet HTML 4Page - Anpec Electronics Coropration APM4953 Datasheet HTML 5Page - Anpec Electronics Coropration APM4953 Datasheet HTML 6Page - Anpec Electronics Coropration APM4953 Datasheet HTML 7Page - Anpec Electronics Coropration APM4953 Datasheet HTML 8Page - Anpec Electronics Coropration APM4953 Datasheet HTML 9Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.2 - Feb., 2003
APM4953
www.anpec.com.tw
5
1E-4
1E-3
0.01
0.1
1
10
100
0.01
0.1
1
2

0.01
0.1
1
10
100
0
10
20
30
40
50


0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
0.1
1
10
30

Typical Characteristics (Cont.)
Single Pulse Power
Time (sec)
Square Wave Pulse Duration (sec)
Normalized Thermal Transient Impedence, Junction to Ambient
D= 0.02
Duty Cycle = 0.5
D= 0.2
D= 0.1
D= 0.05
SINGLE PULSE
1.Duty Cycle, D=t1/t2
2.Per Unit Base=RthJA=50°C/W
3.TJM-TA=PDMZthJA
4.Surface Mounted
Source-Drain Diode Forward Voltage
-V
SD-Source-to-Drain Voltage (V )
T
J=150°C
T
J=25°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com