Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2660 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2660
Description  Switched Capacitor Voltage Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2660 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM2660 Datasheet HTML 1Page - National Semiconductor (TI) LM2660 Datasheet HTML 2Page - National Semiconductor (TI) LM2660 Datasheet HTML 3Page - National Semiconductor (TI) LM2660 Datasheet HTML 4Page - National Semiconductor (TI) LM2660 Datasheet HTML 5Page - National Semiconductor (TI) LM2660 Datasheet HTML 6Page - National Semiconductor (TI) LM2660 Datasheet HTML 7Page - National Semiconductor (TI) LM2660 Datasheet HTML 8Page - National Semiconductor (TI) LM2660 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Connection Diagrams
Ordering Information
Order Number
Package Number
Package Marking
Supplied As
LM2660M
M08A
Datecode
Rail (95 units/rail)
LM26
60M
LM2660MX
M08A
Datecode
Tape and Reel (2500 units/rail)
LM26
60M
LM2660MM
MUA08A
S01A (Note 9)
Tape and Reel (250 units/rail)
LM2660MMX
MUA08A
S01A (Note 9)
Tape and Reel (3500 units/rail)
LM2661M
M08A
Datecode
Rail (95 units/rail)
LM26
61M
LM2661MX
M08A
Datecode
Tape and Reel (2500 units/rail)
LM26
61M
LM2661MM
MUA08A
S02A (Note 9)
Tape and Reel (250 units/rail)
LM2661MMX
MUA08A
S02A (Note 9)
Tape and Reel (3500 units/rail)
Note 9: The first letter “S” identifies the part as a switched capacitor converter. The next two numbers are the device number: “01” for a LM2660 device, and “02”
for a LM2661 device. The fourth letter “A” indicates the grade. Only one grade is available. Larger quantity reels are available upon request.
8-Lead SO (M) or Mini SO (MM)
DS012911-1
DS012911-2
Top View
Order Number LM2660M, LM2661M, LM2660MM or LM2661MM
See NS Package Number M08A and MUA08A
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com