Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2660 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2660
Description  Switched Capacitor Voltage Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2660 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM2660 Datasheet HTML 3Page - National Semiconductor (TI) LM2660 Datasheet HTML 4Page - National Semiconductor (TI) LM2660 Datasheet HTML 5Page - National Semiconductor (TI) LM2660 Datasheet HTML 6Page - National Semiconductor (TI) LM2660 Datasheet HTML 7Page - National Semiconductor (TI) LM2660 Datasheet HTML 8Page - National Semiconductor (TI) LM2660 Datasheet HTML 9Page - National Semiconductor (TI) LM2660 Datasheet HTML 10Page - National Semiconductor (TI) LM2660 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Application Information (Continued)
The peak-to-peak output voltage ripple is determined by the
oscillator frequency, and the capacitance and ESR of the
output capacitor C
2:
Again, using a low ESR capacitor will result in lower ripple.
POSITIVE VOLTAGE DOUBLER
The LM2660/LM2661 can operate as a positive voltage dou-
bler (as shown in the Basic Application Circuits). The dou-
bling function is achieved by reversing some of the connec-
tions to the device. The input voltage is applied to the GND
pin with an allowable voltage from 2.5V to 5.5V. The V+ pin
is used as the output. The LV pin and OUT pin must be con-
nected to ground. The OSC pin can not be driven by an ex-
ternal clock in this operation mode. The unloaded output
voltage is twice of the input voltage and is not reduced by the
diode D
1’s forward drop.
The Schottky diode D
1 is only needed for start-up. The inter-
nal oscillator circuit uses the V+ pin and the LV pin (con-
nected to ground in the voltage doubler circuit) as its power
rails. Voltage across V+ and LV must be larger than 1.5V to
insure the operation of the oscillator. During start-up, D
1 is
used to charge up the voltage at V+ pin to start the oscillator;
also, it protects the device from turning-on its own parasitic
diode and potentially latching-up. Therefore, the Schottky di-
ode D
1 should have enough current carrying capability to
charge the output capacitor at start-up, as well as a low for-
ward voltage to prevent the internal parasitic diode from
turning-on. A Schottky diode like 1N5817 can be used for
most applications. If the input voltage ramp is less than 10V/
ms, a smaller Schottky diode like MBR0520LT1 can be used
to reduce the circuit size.
SPLIT V+ IN HALF
Another interesting application shown in the Basic Applica-
tion Circuits is using the LM2660/LM2661 as a precision volt-
age divider. Since the off-voltage across each switch equals
V
IN/2, the input voltage can be raised to +11V.
CHANGING OSCILLATOR FREQUENCY
For the LM2660, the internal oscillator frequency can be se-
lected using the Frequency Control (FC) pin. When FC is
open, the oscillator frequency is 10 kHz; when FC is con-
nected to V+, the frequency increases to 80 kHz. A higher
oscillator frequency allows smaller capacitors to be used for
equivalent output resistance and ripple, but increases the
typical supply current from 0.12 mA to 1 mA.
The oscillator frequency can be lowered by adding an exter-
nal capacitor between OSC and GND. (See Typical Perfor-
mance Characteristics.) Also, in the inverter mode, an exter-
nal clock that swings within 100 mV of V+ and GND can be
used to drive OSC. Any CMOS logic gate is suitable for driv-
ing OSC. LV must be grounded when driving OSC. The
maximum external clock frequency is limited to 150 kHz.
The switching frequency of the converter (also called the
charge pump frequency) is half of the oscillator frequency.
Note: OSC cannot be driven by an external clock in the voltage-doubling
mode.
TABLE 1. LM2660 Oscillator Frequency Selection
FC
OSC
Oscillator
Open
Open
10 kHz
V+
Open
80 kHz
Open or V+
External Capacitor
See Typical
Performance
Characteristics
N/A
External Clock
External Clock
(inverter mode only)
Frequency
TABLE 2. LM2661 Oscillator Frequency Selection
OSC
Oscillator
Open
80 kHz
External Capacitor
See Typical Performance
Characteristics
External Clock
External Clock Frequency
(inverter mode only)
SHUTDOWN MODE
For the LM2661, a shutdown (SD) pin is available to disable
the device and reduce the quiescent current to 0.5 µA. Ap-
plying a voltage greater than 2V to the SD pin will bring the
device into shutdown mode. While in normal operating
mode, the SD pin is connected to ground.
CAPACITOR SELECTION
As discussed in the
Simple Negative Voltage Converter sec-
tion, the output resistance and ripple voltage are dependent
on the capacitance and ESR values of the external capaci-
tors. The output voltage drop is the load current times the
output resistance, and the power efficiency is
Where I
Q(V+) is the quiescent power loss of the IC device,
and I
L
2R
OUT is the conversion loss associated with the
switch on-resistance, the two external capacitors and their
ESRs.
Since the switching current charging and discharging C
1 is
approximately twice as the output current, the effect of the
ESR of the pumping capacitor C
1 is multiplied by four in the
output resistance. The output capacitor C
2 is charging and
discharging at a current approximately equal to the output
current, therefore, its ESR only counts once in the output re-
sistance. However, the ESR of C
2 directly affects the output
voltage ripple. Therefore, low ESR capacitors (
Table 3) are
recommended for both capacitors to maximize efficiency, re-
duce the output voltage drop and voltage ripple. For conve-
nience, C
1 and C2 are usually chosen to be the same.
The output resistance varies with the oscillator frequency
and the capacitors. In
Figure 3, the output resistance vs. os-
cillator frequency curves are drawn for three different tanta-
lum capacitors. At very low frequency range, capacitance
plays the most important role in determining the output resis-
tance. Once the frequency is increased to some point (such
as 20 kHz for the 150 µF capacitors), the output resistance is
dominated by the ON resistance of the internal switches and
the ESRs of the external capacitors. A low value, smaller
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com