Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC_SERIES Datasheet(PDF) 3 Page - Arch Electronics Corp.

Part # MSC_SERIES
Description  Fully Encapsulated Plastic Case
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

MSC_SERIES Datasheet(HTML) 3 Page - Arch Electronics Corp.

  MSC_SERIES Datasheet HTML 1Page - Arch Electronics Corp. MSC_SERIES Datasheet HTML 2Page - Arch Electronics Corp. MSC_SERIES Datasheet HTML 3Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
VER : B_9
update : 2011.01.07
AC-DC Medical
MSC SERIES
40 Watts
MECHANICAL DIMENSION
( Top View )
BLOCK DIAGRAM
DERATING
PIN#
SINGLE
Dual
5S/12S
5S/24S
Triple
1
AC IN (L)
AC IN (L)
AC IN (L)
AC IN (L)
2
AC IN (N)
AC IN (N)
AC IN (N)
AC IN (N)
3
+DC OUT
+DC OUT
+OUT2
+DC OUT
4
NO PIN
NO PIN
+OUT1
+5V
5
-DC OUT
COMMON
+OUT2 RTN
COMMON
6
NO PIN
NO PIN
+OUT1 RTN
+5 RTN
7
NOCONNECT
-DC OUT
NO PIN
-DC OUT



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com