Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC_SERIES Datasheet(PDF) 1 Page - Arch Electronics Corp.

Part # MSC_SERIES
Description  Fully Encapsulated Plastic Case
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

MSC_SERIES Datasheet(HTML) 1 Page - Arch Electronics Corp.

  MSC_SERIES Datasheet HTML 1Page - Arch Electronics Corp. MSC_SERIES Datasheet HTML 2Page - Arch Electronics Corp. MSC_SERIES Datasheet HTML 3Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VER : B_9
update : 2011.01.07
AC-DC Medical
MSC SERIES
40 Watts
ELECTRICAL SPECIFICATIONS
Model No.
( Single Output )
MSC-3.3S
MSC-5S
MSC-9S
MSC-12S
MSC-15S
MSC-24S
Max output wattage
( W )
26.4W
40W
40W
40W
40W
40W
Voltage (V.DC.)
3.3V
5V
9V
12V
15V
24V
Current (mA) max
8000
8000
4444
3333
2666
1667
Voltage set accuracy
±2%
±2%
±2%
±2%
±2%
±2%
Line regulation (Typ.)
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
Load regulation (1-100%) (Typ.)
1%
1%
1%
1%
1%
1%
Minimum load
1%
1%
1%
1%
1%
1%
Efficiency (Typ)
76%
79%
82%
83%
83%
83%
Output
Capacitor Load (max.)
70000 uF
33000 uF
10000 uF
4000 uF
3000 uF
1200 uF
Model No.
( Dual Output )
MSC-5D
MSC-12D
MSC-15D
Max output wattage
( W )
40W
40W
40W
Output 1
Output 2
Output 1
Output 2
Output 1
Output 2
Voltage (V.DC.)
+5V
-5V
+12V
-12V
+15V
-15V
Current (mA) max
4000
4000
1666
1666
1333
1333
Voltage set accuracy
±2%
±2%
±2%
Line regulation (Typ.)
0.5%
0.5%
0.5%
Load regulation (10-100%) (Typ.)
1% (symmetric load)
1% (symmetric load)
1% (symmetric load)
Cross regulation (Typ.)
5%
5%
5%
Minimum load
10%
10%
10%
Efficiency (Typ)
80%
83%
83%
Output
Capacitor Load (max.)
±6000 uF
±1000 uF
±2000 uF
Model No.
( Dual Output )
MSC-5S12S
MSC-5S24S
Max output wattage
( W )
40W
40W
Output 1
Output 2
Output 1
Output 2
Voltage (V.DC.)
5V
12V
5V
24V
Current (mA) max
5000
1250
5000
625
Voltage set accuracy
±3%
±5%
±3%
±5%
Line regulation (Typ.)
0.5%
5%
0.5%
5%
Load regulation (10-100%) (Typ.)
2% (symmetric load)
6% (symmetric load)
2% (symmetric load)
6% (symmetric load)
Cross regulation (Typ.)
1%
7%
1%
7%
Minimum load
25%
25%
Efficiency (Typ)
80%
80%
Output
Capacitor Load (max.)
15000 uF / 750 uF
15000 uF / 200 uF
KEY FEATURES
Switching Power Modules for PCB Mounting
Fully Encapsulated Plastic Case
Universal Input Range 90-264VAC, 47-440 Hz
Regulated Output
Low Ripple and Noise
Isolation Class II
CE, CB, UL, cUL, TUV Approvals
3-Years Product Warranty


Similar Part No. - MSC_SERIES

ManufacturerPart #DatasheetDescription
logo
Mixed Signal Integratio...
MSCPSI MSI-MSCPSI Datasheet
123Kb / 17P
Controller Programmable Sensor Interface
More results

Similar Description - MSC_SERIES

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
AKF-15 MINMAX-AKF-15_12 Datasheet
329Kb / 5P
AC/DC Power Module 15W Fully encapsulated Plastic Case
AAF-03 MINMAX-AAF-03 Datasheet
476Kb / 3P
Fully Encapsulated Plastic Case for PCB Mounting
logo
Arch Electronics Corp.
AFC_SERIES ARCH-AFC_SERIES Datasheet
404Kb / 5P
Fully Encapsulated Plastic Case
AFC-E1_SERIES ARCH-AFC-E1_SERIES Datasheet
404Kb / 5P
Fully Encapsulated Plastic Case
AIC_SERIES ARCH-AIC_SERIES Datasheet
150Kb / 2P
Fully Encapsulated Plastic Case
ANCA_SERIES ARCH-ANCA_SERIES Datasheet
407Kb / 5P
Fully Encapsulated Plastic Case
AOCH_SERIES ARCH-AOCH_SERIES Datasheet
217Kb / 3P
Fully Encapsulated Plastic Case
APC-E1_SERIES ARCH-APC-E1_SERIES Datasheet
449Kb / 5P
Fully Encapsulated Plastic Case
ATC_SERIES ARCH-ATC_SERIES Datasheet
463Kb / 5P
Fully Encapsulated Plastic Case
MTC_SERIES ARCH-MTC_SERIES Datasheet
249Kb / 3P
Fully Encapsulated Plastic Case
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com