Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLF16_SERIES Datasheet(PDF) 1 Page - Arch Electronics Corp.

Part # PLF16_SERIES
Description  With P.F.C. Function, PF>0.9
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

PLF16_SERIES Datasheet(HTML) 1 Page - Arch Electronics Corp.

  PLF16_SERIES Datasheet HTML 1Page - Arch Electronics Corp. PLF16_SERIES Datasheet HTML 2Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VER : PA_0
update : 2010.10.20
LED Power
PLF16 SERIES
16 Watts
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
ELECTRICAL SPECIFICATIONS
Model No.
PLF16-18S
PLF16-24S
PLF16-48S
Max output wattage
( W )
16.8W
Voltage
(Note
2)
90-277 VAC
Frequency (Hz)
50 / 60 Hz
Power factor
PF>0.92 at Full load (115 VAC) / PF>0.9 at Full load (230 VAC)
Current (Full load)
0.7A max. (115 VAC) / 0.35A max. (230 VAC)
Input
Inrush current
40 A max. (Cold Start at 230 VAC)
Voltage (V.DC.) (max)
16V
24V
48V
Constant Current Operation Voltage (max) (CC Mode) (Note3)
12~16VDC
18~24VDC
36~48VDC
Current Tolerance
±5%
Current Range (mA)
1050
700
350
Ripple & Noise (max) (Note1)
3Vp-p
Output
Efficiency (typ)
83%
84%
85%
Over current protection
Auto recovery
Over voltage protection
Zener diode clamp
Protection
Short circuit protection
Auto recovery
Input-Output (V.AC)
3000V
Input-FG
(V.AC)
1500V
Isolation
Output-FG
.(V.AC)
500V
Operating temperature
-30°C…+70°C (with derating)
Storage temperature
-40°C…+85°C
Temperature coefficient
0.02%/°C
Humidity
95% RH
Environment
MTBF
>643,000 h @ 25°C (MIL-HDBK-217F)
Dimension (L x W x H)
3.15 x 1.5 x 0.87 Inches
( 80.0 x 38.1 x 22.0 mm ) Tolerance
±0.5 mm
Weight
150 g
Physical
Cooling method
Free air convection
Safety Standards
Design refer to EN61347、EN61347-2-13、UL8750
(Pending)
EMI (Conducted & Radiated Emission)
Design refer to EN 55015
(Pending)
EMS (Noise Immunity)
Design refer to EN 61547
(Pending)
Safety & EMC
Harmonic Current
Design refer to EN 61000-3-2、EN 61000-3-3
(Pending)
Note:
KEY FEATURES
Fully Isolated Plastic Case with IP67 Level
Constant Current
With P.F.C. Function, PF>0.9
High Efficiency up to 85%
Free Air Convection
Protections: Over Load / Over Voltage /
.Short Circuit
High Reliability & Double Layered PCB
Ultra Compact Size: 3.15 x 1.5 x 0.87 Inches
2-Years Product Warranty
1. Ripple & Noise are measured at 20MHz of bandwidth with 0.1uF & 47uF parallel capacitor.
2.Please check the derating curve for more details.
3.This is the suitable operation region for LED related application.but please reconfirm special electrical requirements for some specific
ststem design.


Similar Part No. - PLF16_SERIES

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
PLF16-1050 ARCH-PLF16-1050 Datasheet
225Kb / 2P
LED Power
PLF16-1050 ARCH-PLF16-1050 Datasheet
222Kb / 2P
Fully Isolated Plastic Case with IP65 Level
PLF16-350 ARCH-PLF16-350 Datasheet
225Kb / 2P
LED Power
PLF16-350 ARCH-PLF16-350 Datasheet
222Kb / 2P
Fully Isolated Plastic Case with IP65 Level
PLF16-700 ARCH-PLF16-700 Datasheet
225Kb / 2P
LED Power
More results

Similar Description - PLF16_SERIES

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3PC OMRON-G3PC_07 Datasheet
175Kb / 6P
SSR with Failure Detection Function
logo
Astrodyne Corporation
SCN-1K2 ASTRODYNE-SCN-1K2 Datasheet
418Kb / 3P
1200W With Parallel Function
SCN-800 ASTRODYNE-SCN-800 Datasheet
206Kb / 3P
800W With Parallel Function
logo
Jauch Quartz Gmbh
JO32-3.3V JAUCH-JO32-3.3V Datasheet
156Kb / 2P
SMD Oscillator with Stop Function
JO53-5.0V JAUCH-JO53-5.0V Datasheet
162Kb / 2P
SMD Oscillator with Stop Function
logo
Linear Dimensions Semic...
LND060 LINEAR_DIMENSIONS-LND060 Datasheet
76Kb / 1P
OFFLINE LED DRIVER (Up to 277VAC) NO INDUCTORS, FILTERs, PF>0.9, THD<25%
logo
Arch Electronics Corp.
ALF100_SERIES ARCH-ALF100_SERIES Datasheet
252Kb / 2P
Bulit-in Active PFC Function, PF>0.95
logo
SHOUDING Shouding Semic...
SD3302 SHOUDING-SD3302 Datasheet
1Mb / 7P
Light touch 3 function constant use of SOS function with SOS function
logo
Murata Manufacturing Co...
GQM1555C2DR90BB01D MURATA1-GQM1555C2DR90BB01D Datasheet
471Kb / 4P
Multilayer Ceramic Capacitors MLCC - SMD/SMT 0.9 pF 200 VDC 0.1 pF 0402 C0G (NP0)
logo
Rohm
BM2LD080FJ-C ROHM-BM2LD080FJ-C Datasheet
2Mb / 28P
with Output Diagnostic Function
10.Mar.2023 Rev.001
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com