Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC14428 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC14428
Description  Baseband Processor for FP & PP DECT and WDCT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC14428 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  SC14428 Datasheet HTML 1Page - National Semiconductor (TI) SC14428 Datasheet HTML 2Page - National Semiconductor (TI) SC14428 Datasheet HTML 3Page - National Semiconductor (TI) SC14428 Datasheet HTML 4Page - National Semiconductor (TI) SC14428 Datasheet HTML 5Page - National Semiconductor (TI) SC14428 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.national.com
4
(Confidential) Revision 1.0
4.0 Specifications (Continued)
5.The protection current can be calculated as follows:
In case P1[6]/PON, P1[7]/CHARGE, VBAT3, P2[3]/ADC1 is input, Iprotxxx_max = (Vext -
2.55)/(500+Rext)
Rext is an external resistor which is needed if the external voltage Vext exceeds the 2.8V.
(A lower protection current value of e.g. 100 uA is recommended in case power saving is important)
In case P1[6]/PON, P1[7]/CHARGE , P2[3]/ADC1 is output, Iprotxxx_max = (VDDIO - 2.55)/(500)
Table 2. OPERATING CONDITIONS 1
1.Within the specified limits, a life time of 10 years is guaranteed.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNITS
Vbat1
Battery supply voltage VBAT1-AVS
2.0
5.0
V
Vbat2
Battery supply voltage VBAT2-AVS
2.8
5.0
V
Vdd
Digital core supply voltage
VDD-VSS
Note2
2.Full operating mode; the differences between AVD, VDD may never be more than 300mV; during a
short period of time e.g. during power up more than 300mV difference is allowed. Analog performance
is only guaranteed from 1.75-1.98V
1.75
1.8
1.98
V
Avd
Analog core supply voltage
AVD-AVS
Note2
1.75
1.8
1.98
V
Avd2
Analog core supply voltage
AVD2-AVS
Note2
1.75
1.8
1.98
V
Vddrf
Analog xtal and RFCLK supply
voltage VDDRF-VSSRF
Note2
1.75
1.8
1.98
V
Vddiof
Digital I/O supply voltage VDDIO-VSS
for devices with FLASH
2.5
2.65
2.8
V
Vddio
Digital I/O supply voltage VDDIO-VSS
for devices without FLASH
1.75
3.3
V
Vdcs
Voltage on DC_Sense pin
2.0
V
Vpon
Voltage on PON
All states 3
2.8
V
Vcharge
Voltage on CHARGE
All states 3
2.8
V
Vbat3
Voltage on VBAT3
Note3
2.8
V
Vadc1
Voltage on ADC1
Note3
2.8
V
Vprot_mic
Voltage on pins MICn, CIDp/n if protec-
tion enabled
Note4
0.4
1.4
V
Iprotpon
Current through protection circuit of PON
pin.
Note3
0.5
mA
Iprotcharge
Current through protection circuit of
CHARGE pin.
Note3
0.5
mA
Iprotvbat3
Current through protection circuit of
VBAT3/RINGING pin.
Note3
0.5
mA
Iprotadc1
Current through protection circuit of
ADC1 pin.
Note3
0.5
mA
Vldo1_ctrl
Voltage on LDO1_CTRL
5.0
V
Vldo2_ctrl
Maximum voltage on LDO2_CTRL
5.0
V
Fpll_range
PLL operating range
28
48
MHz
TA
Ambient temperature
Note5
-10
60
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com