Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC14428 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC14428
Description  Baseband Processor for FP & PP DECT and WDCT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC14428 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  SC14428 Datasheet HTML 1Page - National Semiconductor (TI) SC14428 Datasheet HTML 2Page - National Semiconductor (TI) SC14428 Datasheet HTML 3Page - National Semiconductor (TI) SC14428 Datasheet HTML 4Page - National Semiconductor (TI) SC14428 Datasheet HTML 5Page - National Semiconductor (TI) SC14428 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.national.com
2
(Confidential) Revision 1.0
3.0 System Diagram (Continued)
Figure 1. SC14428 Block diagram
TIMERS
8 BIT
ADC
P2[7-0]
SCALER
ACCESS
BUS2
P1[7-0]
P0[7-0]
PWM
ACCESS
BUS1
UART
DMA
SYSTEM BUS
INTERFACE
16 BITS
16 BITS
BOOT
ROM
CR16C COMPACTRISC
16 BIT MICRO CONTROLLER
DATA
RAM
SHARED
RAM
6KBYTE
16KBYTE
DEDICATED INSTRUCTION
PROCESSOR
GENDSP
CODEC
ADPCM
ENCRYP
TION
RF
CONTROL
PINS
BMC
8 BIT DAC
GAUSSIAN
SHAPER
CLOCK
RECOVERY
3 BITS
FIR FILTER
MICRO
WIRE
HEADSET
30W
XTAL
TRIMMING
FLASH/
CLOCK
DIVIDER
SCLK
RF INTERFACE
AFE
MICRO CODE
RAM
1 KBYTE
DC/DC CONVERTOR
BATTERY & CHARGE
2X VOLTAGE
CONTROL
REGULATOR
ICU
DATA
IRDA
8 KBYTE
FLASH
1->5
PCM
IF
PSTN
ISDN,
IF
CODEC
SDI+
PLL
P3[7-1]
MUX
SPI
ROM



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com