Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2664 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2664
Description  Switched Capacitor Voltage Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2664 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM2664 Datasheet HTML 1Page - National Semiconductor (TI) LM2664 Datasheet HTML 2Page - National Semiconductor (TI) LM2664 Datasheet HTML 3Page - National Semiconductor (TI) LM2664 Datasheet HTML 4Page - National Semiconductor (TI) LM2664 Datasheet HTML 5Page - National Semiconductor (TI) LM2664 Datasheet HTML 6Page - National Semiconductor (TI) LM2664 Datasheet HTML 7Page - National Semiconductor (TI) LM2664 Datasheet HTML 8Page - National Semiconductor (TI) LM2664 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Connection Diagram
Ordering Information
Order Number
Package
Number
Package
Marking
Supplied as
LM2664M6
MA06A
SO3A (Note 9)
Tape and Reel (1000 units/rail)
LM2664M6X
MA06A
SO3A (Note 9)
Tape and Reel (3000 units/rail)
Note 9: The first letter
″S″ identifies the part as a switched capacitor converter. The next two numbers are the device number. The fourth letter ″A″ indicates the
grade. Only one grade is available. Larger quantity reels are available upon request.
Pin Description
Pin
Name
Function
1
GND
Power supply ground input.
2
OUT
Negative voltage output.
3
CAP−
Connect this pin to the negative terminal of the charge-pump capacitor.
4SD
Shutdown control pin, tie this pin to V+ in normal operation, and to GND for shutdown.
5
V+
Power supply positive voltage input.
6
CAP+
Connect this pin to the positive terminal of the charge-pump capacitor.
Circuit Description
The LM2664 contains four large CMOS switches which are
switched in a sequence to invert the input supply voltage.
Energy transfer and storage are provided by external capaci-
tors.
Figure 2 illustrates the voltage conversion scheme.
When S
1 and S3 are closed, C1 charges to the supply volt-
age V+. During this time interval, switches S
2 and S4 are
open. In the second time interval, S
1 and S3 are open; at the
same time, S
2 and S4 are closed, C1 is charging C2. After a
number of cycles, the voltage across C
2 will be pumped to
V+. Since the anode of C
2 is connected to ground, the output
at the cathode of C
2 equals −(V+) when there is no load cur-
rent. The output voltage drop when a load is added is deter-
mined by the parasitic resistance (R
ds(on) of the MOSFET
switches and the ESR of the capacitors) and the charge
transfer loss between capacitors. Details will be discussed in
the following application information section.
Application Information
Simple Negative Voltage Converter
The main application of LM2664 is to generate a negative
supply voltage. The voltage inverter circuit uses only two ex-
ternal capacitors as shown in the Basic Application Circuits.
The range of the input supply voltage is 1.8V to 5.5V.
The output characteristics of this circuit can be approximated
by an ideal voltage source in series with a resistance. The
voltage source equals −(V+). The output resistance R
out is a
function of the ON resistance of the internal MOSFET
switches, the oscillator frequency, the capacitance and ESR
of C
1 and C2. Since the switching current charging and dis-
charging C
1 is approximately twice as the output current, the
6-Lead Small Outline Package (M6)
DS100031-4
Top View With Package Marking
DS100031-22
Actual Size
DS100031-5
FIGURE 2. Voltage Inverting Principle
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com