Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2664 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2664
Description  Switched Capacitor Voltage Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2664 Datasheet(HTML) 7 Page - National Semiconductor (TI)

  LM2664 Datasheet HTML 1Page - National Semiconductor (TI) LM2664 Datasheet HTML 2Page - National Semiconductor (TI) LM2664 Datasheet HTML 3Page - National Semiconductor (TI) LM2664 Datasheet HTML 4Page - National Semiconductor (TI) LM2664 Datasheet HTML 5Page - National Semiconductor (TI) LM2664 Datasheet HTML 6Page - National Semiconductor (TI) LM2664 Datasheet HTML 7Page - National Semiconductor (TI) LM2664 Datasheet HTML 8Page - National Semiconductor (TI) LM2664 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Other Applications (Continued)
Cascading Devices
Cascading the LM2664s is an easy way to produce a greater
negative voltage (e.g. A two-stage cascade circuit is shown
in Figure 4).
If n is the integer representing the number of devices cas-
caded, the unloaded output voltage V
out is (-nVin). The effec-
tive output resistance is equal to the weighted sum of each
individual device:
R
out = nRout_1 + n/2 Rout_2 +...+Rout_n
Note that, the number of n is practically limited since the in-
creasing of n significantly reduces the efficiency, and in-
creases the output resistance and output voltage ripple.
Combined Doubler and Inverter
In Figure 5, the LM2664 is used to provide a positive voltage
doubler and a negative voltage converter. Note that the total
current drawn from the two outputs should not exceed 50
mA.
DS100031-10
FIGURE 3. Lowering Output Resistance by Paralleling Devices
DS100031-11
FIGURE 4. Increasing Output Voltage by Cascading Devices
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com