Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2665 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2665
Description  Switched Capacitor Voltage Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2665 Datasheet(HTML) 7 Page - National Semiconductor (TI)

  LM2665 Datasheet HTML 1Page - National Semiconductor (TI) LM2665 Datasheet HTML 2Page - National Semiconductor (TI) LM2665 Datasheet HTML 3Page - National Semiconductor (TI) LM2665 Datasheet HTML 4Page - National Semiconductor (TI) LM2665 Datasheet HTML 5Page - National Semiconductor (TI) LM2665 Datasheet HTML 6Page - National Semiconductor (TI) LM2665 Datasheet HTML 7Page - National Semiconductor (TI) LM2665 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Other Applications (Continued)
Cascading Devices
Cascading the LM2665s is an easy way to produce a greater
voltage (A two-stage cascade circuit is shown in Figure 4).
The effective output resistance is equal to the weighted sum
of each individual device:
R
out = 1.5Rout_1 +Rout_2
Note that, the increasing of the number of cascading stages
is pracitically limited since it significantly reduces the effi-
ciency, increases the output resistance and output voltage
ripple.
Regulating V
OUT
It is possible to regulate the output of the LM2665 by use of
a low dropout regulator (such as LP2980-5.0). The whole
converter is depicted in Figure 5.
A different output voltage is possible by use of LP2980-3.3,
LP2980-3.0, or LP2980-adj.
Note that, the following conditions must be satisfied simulta-
neously for worst case design:
2V
in_min
>V
out_min +Vdrop_max (LP2980) + Iout_max xRout_max (LM2665)
2V
in_max < Vout_max +Vdrop_min (LP2980) + Iout_min xRout_min (LM2665)
DS100049-19
FIGURE 3. Lowering Output Resistance by Paralleling Devices
DS100049-20
FIGURE 4. Increasing Output Voltage by Cascading Devices
DS100049-21
FIGURE 5. Generate a Regulated +5V from +3V Input Voltage
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com