Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2665 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2665
Description  Switched Capacitor Voltage Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2665 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2665 Datasheet HTML 1Page - National Semiconductor (TI) LM2665 Datasheet HTML 2Page - National Semiconductor (TI) LM2665 Datasheet HTML 3Page - National Semiconductor (TI) LM2665 Datasheet HTML 4Page - National Semiconductor (TI) LM2665 Datasheet HTML 5Page - National Semiconductor (TI) LM2665 Datasheet HTML 6Page - National Semiconductor (TI) LM2665 Datasheet HTML 7Page - National Semiconductor (TI) LM2665 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LM2665
Switched Capacitor Voltage Converter
General Description
The LM2665 CMOS charge-pump voltage converter oper-
ates as a voltage doubler for an input voltage in the range of
+2.5V to +5.5V. Two low cost capacitors and a diode
(needed during start-up) are used in this circuit to provide up
to 40 mA of output current. The LM2665 can also work as a
voltage divider to split a voltage in the range of +1.8V to
+11V in half.
The LM2665 operates at 160 kHz oscillator frequency to re-
duce output resistance and voltage ripple. With an operating
current of only 650 µA (operating efficiency greater than 90%
with most loads) and 1µA typical shutdown current, the
LM2665 provides ideal performance for battery powered
systems. The device is in SOT-23-6 package.
Features
n Doubles or Splits Input Supply Voltage
n SOT23-6 Package
n 12
Ω Typical Output Impedance
n 90% Typical Conversion Efficiency at 40 mA
n 1µA Typical Shutdown Current
Applications
n Cellular Phones
n Pagers
n PDAs
n Operational Amplifier Power Suppliers
n Interface Power Suppliers
n Handheld Instruments
Basic Application Circuits
Voltage Doubler
DS100049-1
Splitting V
in in Half
DS100049-2
November 1999
© 1999 National Semiconductor Corporation
DS100049
www.national.com


Similar Part No. - LM2665

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2665 TI-LM2665 Datasheet
906Kb / 16P
LM2665 Switched Capacitor Voltage Converter
LM2665 TI2-LM2665 Datasheet
727Kb / 22P
LM2665 Switched Capacitor Voltage Converter
REVISED MARCH 2016
LM2665 TI2-LM2665 Datasheet
1Mb / 29P
MAX660 Switched Capacitor Voltage Converter
REVISED MAY 2017
LM2665M6 TI-LM2665M6 Datasheet
906Kb / 16P
LM2665 Switched Capacitor Voltage Converter
LM2665M6 TI1-LM2665M6 Datasheet
1Mb / 20P
Switched Capacitor Voltage Converter
More results

Similar Description - LM2665

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2662 NSC-LM2662 Datasheet
282Kb / 12P
Switched Capacitor Voltage Converter
LM2664 NSC-LM2664 Datasheet
222Kb / 9P
Switched Capacitor Voltage Converter
LM2681 NSC-LM2681 Datasheet
201Kb / 8P
Switched Capacitor Voltage Converter
LM2767 NSC-LM2767 Datasheet
194Kb / 9P
Switched Capacitor Voltage Converter
logo
ON Semiconductor
MAX829 ONSEMI-MAX829 Datasheet
158Kb / 18P
Switched Capacitor Voltage Converter
July, 2004 ??Rev. 3
logo
National Semiconductor ...
LM2766 NSC-LM2766 Datasheet
220Kb / 9P
Switched Capacitor Voltage Converter
logo
TelCom Semiconductor, I...
TC828A TELCOM-TC828A Datasheet
67Kb / 8P
Switched Capacitor Voltage Converter
logo
Analog Intergrations Co...
AIC7660 AIC-AIC7660 Datasheet
317Kb / 11P
Switched-Capacitor Voltage Converter
logo
Texas Instruments
156869 TI-156869 Datasheet
653Kb / 9P
Switched Capacitor Voltage Converter
LM2660 TI1-LM2660 Datasheet
1Mb / 27P
Switched Capacitor Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com