Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS65R650CE Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # IPS65R650CE
Description  650V CoolMOS짧 CE Power Transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPS65R650CE Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button IPS65R650CE Datasheet HTML 6Page - Infineon Technologies AG IPS65R650CE Datasheet HTML 7Page - Infineon Technologies AG IPS65R650CE Datasheet HTML 8Page - Infineon Technologies AG IPS65R650CE Datasheet HTML 9Page - Infineon Technologies AG IPS65R650CE Datasheet HTML 10Page - Infineon Technologies AG IPS65R650CE Datasheet HTML 11Page - Infineon Technologies AG IPS65R650CE Datasheet HTML 12Page - Infineon Technologies AG IPS65R650CE Datasheet HTML 13Page - Infineon Technologies AG IPS65R650CE Datasheet HTML 14Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12
650VCoolMOSªCEPowerTransistor
IPS65R650CE
Rev.2.0,2016-02-25
Final Data Sheet
6PackageOutlines
DIM
A
2.0
21-10-2015
ISSUE DATE
EUROPEAN PROJECTION
0.031
0.018
0.018
0.235
0.025
0.181
0.250
0.118
0.086
0.195
0.035
0.026
0.198
MILLIMETERS
4.60
3.00
0.88
3
2.29
4.57
MIN
0.80
0.46
0.65
5.97
0.46
6.35
2.18
0.64
5.04
5.21
1.28
3.60
0.89
6.73
0.89
6.22
0.59
1.15
1.14
2.40
MAX
5.50
5.55
MIN
0.205
3
0.090
0.180
0.050
0.142
INCHES
MAX
0.035
0.045
0.245
0.023
0.035
0.094
0.045
0.265
0.217
0.219
0
2.0
SCALE
4mm
0
DOCUMENT NO.
Z8B00003329
REVISION
06
0.031
0.80
1.25
0.049
A1
b
b2
b4
c
c2
D
D1
E
E1
e
e1
N
L
L1
L2
4.95
Figure1OutlinePG-TO251,dimensionsinmm/inches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com