Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS65R650CE Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IPS65R650CE
Description  650V CoolMOS짧 CE Power Transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPS65R650CE Datasheet(HTML) 1 Page - Infineon Technologies AG

  IPS65R650CE Datasheet HTML 1Page - Infineon Technologies AG IPS65R650CE Datasheet HTML 2Page - Infineon Technologies AG IPS65R650CE Datasheet HTML 3Page - Infineon Technologies AG IPS65R650CE Datasheet HTML 4Page - Infineon Technologies AG IPS65R650CE Datasheet HTML 5Page - Infineon Technologies AG IPS65R650CE Datasheet HTML 6Page - Infineon Technologies AG IPS65R650CE Datasheet HTML 7Page - Infineon Technologies AG IPS65R650CE Datasheet HTML 8Page - Infineon Technologies AG IPS65R650CE Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
IPS65R650CE
Rev.2.0,2016-02-25
Final Data Sheet
tab
IPAKSL
Drain
Pin 2, Tab
Gate
Pin 1
Source
Pin 3
MOSFET
650VCoolMOSªCEPowerTransistor
CoolMOS™isarevolutionarytechnologyforhighvoltagepower
MOSFETs,designedaccordingtothesuperjunction(SJ)principleand
pioneeredbyInfineonTechnologies.CoolMOS™CEisa
price-performanceoptimizedplatformenablingtotargetcostsensitive
applicationsinConsumerandLightingmarketsbystillmeetinghighest
efficiencystandards.Thenewseriesprovidesallbenefitsofafast
switchingSuperjunctionMOSFETwhilenotsacrificingeaseofuseand
offeringthebestcostdownperformanceratioavailableonthemarket.
Features
•ExtremelylowlossesduetoverylowFOMRdson*QgandEoss
•Veryhighcommutationruggedness
•Easytouse/drive
•Pb-freeplating,Halogenfreemoldcompound
•Qualifiedforstandardgradeapplications
Applications
PFCstages,hardswitchingPWMstagesandresonantswitchingstages
fore.g.PCSilverbox,Adapter,LCD&PDPTVandindoorlighting.
Pleasenote:ForMOSFETparallelingtheuseofferritebeadsonthegate
orseparatetotempolesisgenerallyrecommended.
Table1KeyPerformanceParameters
Parameter
Value
Unit
VDS @ Tj,max
700
V
RDS(on),max
650
m
Ω
ID.
10.1
A
Qg.typ
23
nC
ID,pulse
18
A
Eoss@400V
2
µJ
Type/OrderingCode
Package
Marking
RelatedLinks
IPS65R650CE
PG-TO 251
65S650CE
see Appendix A


Similar Part No. - IPS65R650CE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPS65R600E6 INFINEON-IPS65R600E6 Datasheet
1Mb / 15P
Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0,2015-04-23
IPS65R600E6 INFINEON-IPS65R600E6_15 Datasheet
1Mb / 15P
Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0,2015-04-23
More results

Similar Description - IPS65R650CE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD65R400CE INFINEON-IPD65R400CE Datasheet
1Mb / 15P
650V CoolMOS짧 CE Power Transistor
Rev. 2.0 2016-02-26
IPD65R1K5CE INFINEON-IPD65R1K5CE Datasheet
969Kb / 14P
650V CoolMOS짧 CE Power Transistor
Rev.2.0,2016-02-24
IPD65R1K0CE INFINEON-IPD65R1K0CE Datasheet
969Kb / 14P
650V CoolMOS짧 CE Power Transistor
Rev.2.0,2016-02-26
IPS65R400CE INFINEON-IPS65R400CE Datasheet
1Mb / 15P
650V CoolMOS짧 CE Power Transistor
Rev.2.0,2016-02-23
IPN65R1K5CE INFINEON-IPN65R1K5CE Datasheet
1Mb / 13P
650V CoolMOS짧 CE Power Transistor
Rev.2.0,2016-04-29
IPD60R2K1CE INFINEON-IPD60R2K1CE_16 Datasheet
1Mb / 14P
600V CoolMOS짧 CE Power Transistor
2016-03-31
IPD60R1K5CE INFINEON-IPD60R1K5CE_16 Datasheet
1Mb / 14P
600V CoolMOS짧 CE Power Transistor
2016-03-31
IPD50R3K0CE INFINEON-IPD50R3K0CE Datasheet
1Mb / 14P
500V CoolMOS짧 CE Power Transistor
Rev.2.3,2016-06-13
IPS65R1K5CE INFINEON-IPS65R1K5CE_16 Datasheet
1Mb / 14P
650V CoolMOS짧 CE Power Transistor
2016-03-31
IPS65R1K0CE INFINEON-IPS65R1K0CE_16 Datasheet
1Mb / 14P
650V CoolMOS짧 CE Power Transistor
2016-03-31
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com