Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCS540 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # FCS540
Description  NPN SILICON RF TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

FCS540 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  FCS540 Datasheet HTML 1Page - Inchange Semiconductor Company Limited FCS540 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FCS540
FCS540
FCS540
FCS540
NPN
NPN
NPN
NPN
SILICON
SILICON
SILICON
SILICON
RF
RF
RF
RF
TRANSISTOR
TRANSISTOR
TRANSISTOR
TRANSISTOR
LASERON MICRO ELECTRONIC CO., LTD
- 2 -
电学特性 (TA=25℃)
封装形式
SOT-323
管脚定义:1:基极(Base) 2:发射极(Emitter)
3:集电极(Collector)
参数
符号
最小 典型 最大 单位
测试条件
集电极基极击穿电压
VCBO
20
V
IC=1.0uA
集电极基极漏电流
ICBO
0.1
uA
VCB=10V
发射极基极漏电流
IEBO
1.0
uA
VEB=1V
直流增益
hFE
50
150
250
VCE=8V,IC=40mA
特征频率
fT
9
GHz
VCE=8V,IC=40mA
输出反馈电容
Cre
0.9
1.6
pF
VCB=10V,IE=0mA,f=1MHz
功率增益
|S21|2
11
13
dB
VCE=8V,IC=40mA,f=0.9GHz
噪声因子
NF
2.5
3.0
dB
VCE=8V,IC=40mA,f=1GHz
符号
最小值
(mm)
最大值
(mm)
A
0.30
0.40
B
1.15
1.35
C
2.00
2.40
D
0.65
H
1.80
2.20
K
0.80
1.00
M
0.10
0.25



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com