Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCS540 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # FCS540
Description  NPN SILICON RF TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

FCS540 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  FCS540 Datasheet HTML 1Page - Inchange Semiconductor Company Limited FCS540 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FCS540
FCS540
FCS540
FCS540
NPN
NPN
NPN
NPN
SILICON
SILICON
SILICON
SILICON
RF
RF
RF
RF
TRANSISTOR
TRANSISTOR
TRANSISTOR
TRANSISTOR
LASERON MICRO ELECTRONIC CO., LTD
- 1 -
描述
FCS540 是上海镭芯微电子有限公司生产的超高频低噪声晶体管,采用平面 NPN 硅
外延双极型工艺。具有高功率增益、低噪声系数、大动态范围和理想的电流特性,采用
SOT-323 超小型贴片式封装,主要应用于 VHF、UHF 和 CATV 高频宽带低噪声放大器。
主要特性
高增益:︱S21︱2 典型值为 13dB
@ VCE=8V,IC=40mA,f=0.9GHz
低躁声:
NF 典型值为 2.5dB
@ VCE=8V,IC=40mA,f=1GHz
增益带宽乘积: fT 典型值为 9GHz
@ VCE=8V,IC=40mA,f=1GHz
订购信息
极限工作条件范围 (TA=25℃)
hFE 规格
参数
符号
极值
单位
集电极基极击穿电压
VCBO
20
V
集电极发射极击穿电压
VCES
15
V
发射极基极击穿电压
VEBO
2
V
集电极电流
IC
120
mA
功耗
PC
100
mW
结温度
Tj
150
℃
存储温度
Tstg
-65 ~ +150
℃
产品号
标准包装
FCS540
3K/盘
等级
Q
标号
N4
hFE
50-250


Similar Part No. - FCS540

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
FCS50SG ADAM-TECH-FCS50SG Datasheet
131Kb / 1P
.100 IDC SOCKET .100 X .100 [2.54 X 2.54] CENTERLINE
FCS56SG ADAM-TECH-FCS56SG Datasheet
131Kb / 1P
.100 IDC SOCKET .100 X .100 [2.54 X 2.54] CENTERLINE
More results

Similar Description - FCS540

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BF771 INFINEON-BF771 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF771W INFINEON-BF771W Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF772 INFINEON-BF772 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF775 INFINEON-BF775 Datasheet
70Kb / 3P
NPN Silicon RF Transistor
Nov-30-2000
BFG196 INFINEON-BFG196 Datasheet
60Kb / 6P
NPN Silicon RF Transistor
Jun-27-2001
BFG235 INFINEON-BFG235 Datasheet
99Kb / 6P
NPN Silicon RF Transistor
Oct-27-1999
BFP182W INFINEON-BFP182W Datasheet
77Kb / 7P
NPN Silicon RF Transistor
Aug-09-2001
BFP405F INFINEON-BFP405F Datasheet
58Kb / 4P
NPN Silicon RF Transistor
Dec-07-2001
BFP450 INFINEON-BFP450 Datasheet
74Kb / 7P
NPN Silicon RF Transistor
Aug-20-2001
BFP460 INFINEON-BFP460 Datasheet
134Kb / 5P
NPN Silicon RF Transistor
Jun-14-2004
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com