Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9701 Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT9701
Description  100m POWER DISTRIBUTION SWITCHES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9701 Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT9701 Datasheet HTML 4Page - Richtek Technology Corporation RT9701 Datasheet HTML 5Page - Richtek Technology Corporation RT9701 Datasheet HTML 6Page - Richtek Technology Corporation RT9701 Datasheet HTML 7Page - Richtek Technology Corporation RT9701 Datasheet HTML 8Page - Richtek Technology Corporation RT9701 Datasheet HTML 9Page - Richtek Technology Corporation RT9701 Datasheet HTML 10Page - Richtek Technology Corporation RT9701 Datasheet HTML 11Page - Richtek Technology Corporation RT9701 Datasheet HTML 12Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
RT9701
www.richtek-ic.com.tw
DS9701-05 October 2001
8
T
T
T
1 >
1 >
1 >
1 >
2 >
2 >
2 >
2 >
Time (500
µS/Div)
CH1: VIN : 1V/Div
CH2: VOUT : 1V/Div
RL = 30
Ω, CL = 1µF
UVLO at Rising
CH1
CH2
Time (10mS/Div)
UVLO at Falling
T
T
T
1 >
1 >
1 >
1 >
2 >
2 >
2 >
2 >
RL = 30
Ω, CL = 1µF
CH1: VIN : 1V/Div
CH2: VOUT : 1V/Div
CH1
CH2
*Test Circuit 2
T
T
T
1 >
1 >
1 >
1 >
2 >
2 >
2 >
2 >
Inrush Short Circuit Response
25
µS/Div
CH1 : VIN : 2V/Div
CH2 : IL : 10A/Div
IPEAK : depend on ESR & ESL
CH1
CH2
C IN = 1µF
CL = 1000µF
VDROP=1.2V, depend on CIN ESR
T
T
T
1 >
1 >
1 >
1 >
2 >
2 >
2 >
2 >
Soft-start Short Circuit Response
50
µS/Div
CH1 : VIN : 2V/Div
CH2 : IOUT : 1A/Div
CIN = 1µF
CH1
CH2
Ramped Load Response
1mS/Div
1 >
1 >
1 >
1 >
2 >
2 >
2 >
2 >
VIN = 5V, CL = 1
µF
CH2: IOUT : 500mA/Div
VOUT = 5V
VOUT = 4.6V
Current Limit Threshold
CH1
CH2
Current Limit Response
5
µS/Div
T
T
T
1 >
1 >
1 >
1 >
2 >
2 >
2 >
2 >
VIN = 5V, CL = 0.1
µF
RL = 1 ohm
CH2: ILOAD : 1A/Div
Loading trigger
CH1
CH2
Ω
IOUT : 1A/Div
1.1A
4.9V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com