Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9701 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9701
Description  100m POWER DISTRIBUTION SWITCHES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9701 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9701 Datasheet HTML 1Page - Richtek Technology Corporation RT9701 Datasheet HTML 2Page - Richtek Technology Corporation RT9701 Datasheet HTML 3Page - Richtek Technology Corporation RT9701 Datasheet HTML 4Page - Richtek Technology Corporation RT9701 Datasheet HTML 5Page - Richtek Technology Corporation RT9701 Datasheet HTML 6Page - Richtek Technology Corporation RT9701 Datasheet HTML 7Page - Richtek Technology Corporation RT9701 Datasheet HTML 8Page - Richtek Technology Corporation RT9701 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
RT9701
DS9701-05 October 2001
www.richtek-ic.com.tw
3
Function Block Diagram
Absolute Maximum Ratings
Supply Voltage
7V
Chip Enable
-0.3V ~ 7V
Power Dissipation, PD @ TA = 25
°C
SOT-25
0.25W
Operating Junction Temperature Range
-20
°C ~ 100°C
Storage Temperature Range
-65
°C ~ 150°C
Package Thermal Resistance
SOT-25,
θJA
250
°C /W
VOUT ESD Level
HBM (Human Body Mode)
8KV
MM (Machine Mode)
800V
Bias
Charge
Pump
Oscillator
Current
Limit
Control
Thermal
Detection
VIN
VOUT
GND
RS
NMOSFET
CE
(VIN)
(VOUT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com