Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDN409PI Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXDN409PI
Description  9 Amp Low-Side Ultrafast MOSFET Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDN409PI Datasheet(HTML) 2 Page - IXYS Corporation

  IXDN409PI Datasheet HTML 1Page - IXYS Corporation IXDN409PI Datasheet HTML 2Page - IXYS Corporation IXDN409PI Datasheet HTML 3Page - IXYS Corporation IXDN409PI Datasheet HTML 4Page - IXYS Corporation IXDN409PI Datasheet HTML 5Page - IXYS Corporation IXDN409PI Datasheet HTML 6Page - IXYS Corporation IXDN409PI Datasheet HTML 7Page - IXYS Corporation IXDN409PI Datasheet HTML 8Page - IXYS Corporation IXDN409PI Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
IXDD409PI / 409SI / 409YI / 409CI
IXDI409PI / 409SI / 409YI / 409CI
IXDN409PI / 409SI / 409YI / 409CI
Unless otherwise noted, T
A = 25
oC, 4.5V
≤ V
CC ≤
25V .
All voltage measurements with respect to GND. IXDD409 configured as described in Test Conditions.
Electrical Characteristics
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
VIH
High input voltage
3.5
V
VIL
Low input voltage
0.8
V
VIN
Input voltage range
-5
VCC + 0.3
V
IIN
Input current
0V
≤ V
IN
≤ V
CC
-10
10
µA
VOH
High output voltage
VCC - 0.025
V
VOL
Low output voltage
0.025
V
ROH
Output resistance
@ Output high
IOUT = 10mA, VCC = 18V
0.8
1.5
Ω
ROL
Output resistance
@ Output Low
IOUT = 10mA, VCC = 18V
0.8
1.5
Ω
IPEAK
Peak output current
VCC is 18V
9
A
IDC
Continuous output
current
Limited by package power
dissipation
2
A
VEN
Enable voltage range
IXDD409 Only
- .3
Vcc + 0.3
V
VENH
High En Input Voltage
IXDD409 Only
2/3 Vcc
V
VENL
Low En Input Voltage
IXDD409 Only
1/3 Vcc
V
tR
Rise time
CL=2500pF Vcc=18V
8
10
15
ns
tF
Fall time
CL=2500pF Vcc=18V
8
10
15
ns
tONDLY
On-time propagation
delay
CL=2500pF Vcc=18V
33
36
40
ns
tOFFDLY
Off-time propagation
delay
CL=2500pF Vcc=18V
31
33
36
ns
tENOH
Enable to output high
delay time
IXDD409 Only, Vcc=18V
52
ns
tDOLD
Disable to output low
Disable delay time
IXDD409 Only, Vcc=18V
30
ns
VCC
Power supply voltage
4.5
18
25
V
ICC
Power supply current
VIN = 3.5V
VIN = 0V
VIN = + VCC
1
0
3
10
10
mA
µA
µA
Absolute Maximum Ratings (Note 1)
Parameter
Value
Supply Voltage
25 V
All Other Pins
-0.3 V to VCC + 0.3 V
Power Dissipation, TAMBIENT
≤25 oC
8 Pin PDIP (PI)
975mW
8 Pin SOIC (SI)
1055mW
TO220 (CI), TO263 (YI)
17W
Derating Factors (to Ambient)
8 Pin PDIP (PI)
7.6mW/oC
8 Pin SOIC (SI)
8.2mW/oC
TO220 (CI), TO263 (YI)
0.14W/oC
Storage Temperature
-65 oC to 150 oC
Lead Temperature (10 sec)
300 oC
Operating Ratings
Parameter
Value
Maximum Junction Temperature
150 oC
Operating Temperature Range
-40 oC to 85 oC
Thermal Impedance (Junction To Case)
TO220 (CI), TO263 (YI) (
θ
JC)
0.95 oC/W
Specifications Subject To Change Without Notice



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com