Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDN409PI Datasheet(PDF) 6 Page - IXYS Corporation

Part # IXDN409PI
Description  9 Amp Low-Side Ultrafast MOSFET Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDN409PI Datasheet(HTML) 6 Page - IXYS Corporation

Back Button IXDN409PI Datasheet HTML 2Page - IXYS Corporation IXDN409PI Datasheet HTML 3Page - IXYS Corporation IXDN409PI Datasheet HTML 4Page - IXYS Corporation IXDN409PI Datasheet HTML 5Page - IXYS Corporation IXDN409PI Datasheet HTML 6Page - IXYS Corporation IXDN409PI Datasheet HTML 7Page - IXYS Corporation IXDN409PI Datasheet HTML 8Page - IXYS Corporation IXDN409PI Datasheet HTML 9Page - IXYS Corporation IXDN409PI Datasheet HTML 10Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
IXDD409PI / 409SI / 409YI / 409CI
IXDI409PI / 409SI / 409YI / 409CI
IXDN409PI / 409SI / 409YI / 409CI
Fig. 15
Fig. 16
Fig. 17
Fig. 18
Fig. 19
Fig. 20
PropagationDelayvs. SupplyVoltage
30
32
34
36
38
40
42
44
46
48
50
8
9
10
11
12
13
14
15
16
17
18
Supply Voltage (V)
Tondly (DD409, DN409)
Toffdly (DI409)
Toffdly(DD409, DN409)
Tondly (DI409)
PropagationDelayvs. Input Voltage
30
32
34
36
38
40
42
44
46
48
50
34
56
7
8
9
10
11
12
Input Voltage (V)
Tondly (DD409, DN409)
Toffdly (DI409)
Toffdly (DD409, DN409)
Tondly (DI409)
PropagationDelayTimes vs. JunctionTemperature
0
5
10
15
20
25
30
35
40
45
-40
-20
0
25
406085
Temperature (C)
Tondly (DD409, DN409)
Toffdly (DI409)
Toffdly (DD409, DN409)
Tondly (DI409)
Quiescent SupplyCurrent vs. JunctionTemperature
Vcc=18vVin=5v@1kHz
0
0.1
0.2
0.3
0.4
0.5
0.6
-40
-20
0
2540
6085
Temperature (C)
Vcc vs. PChannel Peak Output Current
CL=10nF
-14
-12
-10
-8
-6
-4
-2
0
5
7.5
10
12.5
15
17.5
20
22.5
25
Vcc (V)
Vccvs. NChannel PeakOutput Current
CL=10nF
0
2
4
6
8
10
12
14
16
18
20
5
7.5
10
12.5
15
17.5
20
22.5
25
Vcc (V)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com