Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6552 Datasheet(PDF) 13 Page - Linear Technology

Part # LT6552
Description  3.3V Single Supply Video Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6552 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT6552 Datasheet HTML 8Page - Linear Technology LT6552 Datasheet HTML 9Page - Linear Technology LT6552 Datasheet HTML 10Page - Linear Technology LT6552 Datasheet HTML 11Page - Linear Technology LT6552 Datasheet HTML 12Page - Linear Technology LT6552 Datasheet HTML 13Page - Linear Technology LT6552 Datasheet HTML 14Page - Linear Technology LT6552 Datasheet HTML 15Page - Linear Technology LT6552 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LT6552
13
6552f
Layout and Passive Components
With a bandwidth of 75MHz and a slew rate of 600V/
µs,the
LT6552 requires special attention to board layout and
supply bypassing. Use a ground plane, short lead lengths
and RF quality low ESR supply bypass capacitors. The
positive supply pin should be bypassed with a small
capacitor (typically 0.1
µF) within 1 inch of the pin. When
driving loads greater than 10mA, an additional 4.7
µF
electrolytic capacitor should be used. When using split
supplies, the same is true for the negative supply pin. The
parallel combination of the feedback resistor and gain
setting resistor on Pin 8 (FB) can combine with the input
capacitance to form a pole which can degrade stability. In
general, use feedback resistors of 1k or less.
Operating with Low Closed-Loop Gains
The LT6552 has been optimized for closed-loop gains of
2 or greater. For a closed-loop gain of 2 the response
peaks about 3dB. Peaking can be reduced by using low
value feedback resistors, and can be eliminated by placing
a capacitor across the feedback resistor (feedback zero).
Figure 6 shows the closed-loop gain of 2 frequency
response with various values of the feedback capacitor.
This peaking shows up as a time domain overshoot of
40%; with an 8pF feedback capacitor the overshoot is
eliminated. Figures 7A and 7B show the Small Signal
Response of the LT6552 with and without an 8pF feedback
capacitor.
Figure 6. Closed-Loop Gain vs Frequency
Figure 7A. Small Signal Transient
Response, VS = 3.3V, 0V
Figure 7B. Small Signal Transient Response,
VS = 3.3V, 0V with 8pF Feedback Capacitor
FREQUENCY (MHz)
0.1
10
9
8
7
6
5
4
3
2
1
0
1
10
100
6552 F06
AV = 2
RF = RG = 500Ω
RL = 150Ω
TA = 25°C
VOUT = 1.5V DC
VS = 3.3V, 0V
CF = 0pF
CF = 3pF
CF = 5pF
CF = 8pF
CF = 10pF
APPLICATIO S I FOR ATIO
1.5V
1.5V
AV = 2
RF = RG = 500Ω
RL = 150Ω
AV = 2
CF = 8pF
RF = RG = 500Ω
RL = 150Ω
50ns/DIV
50ns/DIV
6552 F07a
6552 F07b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com