Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6552 Datasheet(PDF) 7 Page - Linear Technology

Part # LT6552
Description  3.3V Single Supply Video Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6552 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT6552 Datasheet HTML 3Page - Linear Technology LT6552 Datasheet HTML 4Page - Linear Technology LT6552 Datasheet HTML 5Page - Linear Technology LT6552 Datasheet HTML 6Page - Linear Technology LT6552 Datasheet HTML 7Page - Linear Technology LT6552 Datasheet HTML 8Page - Linear Technology LT6552 Datasheet HTML 9Page - Linear Technology LT6552 Datasheet HTML 10Page - Linear Technology LT6552 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LT6552
7
6552f
TYPICAL PERFOR A CE CHARACTERISTICS
COMMON MODE VOLTAGE (V)
0
–4
–6
–8
–10
–12
–14
–16
–18
–20
–22
–24
4
6552 G03
1
2
3
5
VS = 5V, 0V
TA = 125°C
TA = 25°C
TA = –55°C
TOTAL SUPPLY VOLTAGE (V)
0
2
4
68
6552 G01
10
20
18
16
14
12
10
8
6
4
2
0
12
TEMPERATURE (
°C)
–50
–10
–12
–14
–16
–18
–20
–22
–24
25
75
6552 G02
–25
0
50
100
125
TEMPERATURE (
°C)
–50
25
75
–25
0
50
100
125
TEMPERATURE (
°C)
–50
25
75
–25
0
50
100
125
75
70
65
60
55
50
45
40
6552 G08
SOURCING LOAD CURRENT (mA)
10m
100m
1
0.1
100
6552 G04
0.01
1
SINKING LOAD CURRENT (mA)
0.1
100
10
10
0.01
1
6552 G05
1
100m
10m
1m
SHUTDOWN PIN VOLTAGE (V)
2.5
4.0
5.0
6552 G06
3.0
3.5
4.5
16
14
12
10
8
6
4
2
0
80
75
70
65
60
6552 G09
SHUTDOWN PIN VOLTAGE (V)
0
0
–10
–20
–30
–40
–50
–60
123
4
6552 G07
5
TA = 125°C
TA = –55°C
TA = 25°C
TA = 125°C
TA = 125°C
TA = 125°C
TA = –55°C
TA = –55°C
TA = –55°C
TA = 25°C
TA = 25°C
TA = –55°C
TA = 125°C
TA = 25°C
TA = 25°C
VS = 5V, 0V
VCM = 1V
VS = 5V, 0V
VCM = 1V
VS = 5V, 0V
VCM = 1V
VS = 5V, 0V
VS = 3.3V, 0V
VS = ±5V
SINKING CURRENT
SOURCING CURRENT
VS = 5V, 0V
VS = 5V, 0V
Supply Current vs Supply Voltage
Input Bias Current vs Temperature
Input Bias Current vs Common
Mode Voltage
Output Saturation Voltage vs
Load Current (Output High)
Output Saturation Voltage vs
Load Current (Output Low)
Supply Current vs
Shutdown Pin Voltage
Shutdown Pin Current vs
Shutdown Pin Voltage
Output Short-Circuit Current vs
Temperature
Output Short-Circuit Current vs
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com