Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TD-RSP-1500-48 Datasheet(PDF) 2 Page - Technology Dynamics Inc.

Part # TD-RSP-1500-48
Description  SWITCHING POWER SUPPLIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECHNOLOGY [Technology Dynamics Inc.]
Direct Link  http://technologydynamicsinc.com/
Logo TECHNOLOGY - Technology Dynamics Inc.

TD-RSP-1500-48 Datasheet(HTML) 2 Page - Technology Dynamics Inc.

  TD-RSP-1500-48 Datasheet HTML 1Page - Technology Dynamics Inc. TD-RSP-1500-48 Datasheet HTML 2Page - Technology Dynamics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MECHANICAL OUTLINE
MODEL SELECTION
OPTION DESIGNATIONS
- ORD
Redundant Operation (N+1)
- PAR
Parallel Operation
- MIL
Ruggedized/Militarized
- RK
Rack Mount
Panel Mount
- PNL
- 4Hz
400 Hz Operation
- CC
Conformal Coating
Hot Swap
- HSP
TD RSP-1500-5
5V
240A
TD RSP-1500-12
12V
125A
TD RSP-1500-15
15V
100A
TD RSP-1500-24
24V
63A
TD-RSP-1500-28
28V
55A
TD-RSP-1500-48
48V
32A
MODEL
VOLTAGE
CURRENT
TECHNOLOGY DYNAMICS INC.
100 School Street, Bergenfield, NJ 07621
Phone: (201) 385-0500, Fax: (201) 385-0702
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
www.technologydynamicsinc.com
Rev.A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com