Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TD-RSP-1500-48 Datasheet(PDF) 1 Page - Technology Dynamics Inc.

Part # TD-RSP-1500-48
Description  SWITCHING POWER SUPPLIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECHNOLOGY [Technology Dynamics Inc.]
Direct Link  http://technologydynamicsinc.com/
Logo TECHNOLOGY - Technology Dynamics Inc.

TD-RSP-1500-48 Datasheet(HTML) 1 Page - Technology Dynamics Inc.

  TD-RSP-1500-48 Datasheet HTML 1Page - Technology Dynamics Inc. TD-RSP-1500-48 Datasheet HTML 2Page - Technology Dynamics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
+
POWER FACTOR CORRECTED
11” x 5” x 3.3”
APPLIED POWER CONVERSION
Division of
TECHNOLOGY DYNAMICS INC.
AVAILABLE OPTIONS
Design Excellence since 1976!
SPECIFICATIONS
TD RSP - 1500
1500 WATT SINGLE OUTPUT
SWITCHING POWER SUPPLIES
INPUT SPECIFICATIONS:
ENVIRONMENTAL SPECIFICATIONS
Input: Universal AC Input Range 90-264VAC/127-370 VDC
Input Frequency: 47-63Hz
Inrush Current: 30A max @ 115VAC/60A max@230VAC(cold start)
Input Current: 17A max @ 115VAC/8A max 230VAC (continuous)
Efficiency: 80-91% typical (depending on output model)
Hold-up time: 10ms-16ms at full load (minimum)
Leakage Current: <2.0mA maximum @ 240 VAC
Harmonics: EN 61000-3-2, -3 Class D Cpmliant (0.99 PF Typical)
Operating Temperature: -20°C to +50°C
Storage Temperature: -40°C to +85°C max
Cooling: Internal ball bearing DC fan
Humidity: 20-90% RH non condensing
Vibration: 10-500Hz, 2G 10min/1cycle for 60 min (3 axes)
Shock: 20G Peak Acceleration
Reliability >62.6K hours minimum per MIL -HDBK-217F (25°C)
Weight: Approx: 5.73lbs
The TD RSP series of Power Factor
Corrected AC-DC power supplies provides
highly regulated output power up to 1500
watts. Rugged construction and superior
quality make this power supply ideal for
harsh environment applications. Available in
standard,
modified
or
fully
custom
configurations, for industrial, commercial,
COTS, ruggedized and Military applications.
OUTPUT SPECIFICATIONS
Adjustment Range: -5/+10% (minimum)
Minimum Load: none
Regulation: Line ±1% (except 5V=±2.5%) line load and temperature
Ripple/Noise: 150 -200mV peak to peak maximum (20 MHz)
Set Point Accuracy: ±1%(except 5V=±2%) (maximum)
Output voltage adj: -5/+10% minimum
Overcurrent Protection: 105-135% automatic recovery
Overlvoltage Protection: 115-150% of V1 nominal
STANDARD FEATURES
APPLICATIONS
• Universal AC Input (100-240 VAC)
• Active PFC for EN61000-3-2
Class D Compliance
• Built In DC Fan for Cooling
• Current Share Function
• AC & DC Good Signals
• Remote on/off & Remote Sense Functions
• High Efficiency ZVS Technology
• 12V / 100mA Auxiliary Output
• Parallel Operation
• Redundant (N+1)
• Rack / Panel Mount
• Ruggedized for shock & vibration
• Hot Swap
• ORing Diode for Redundant Operation
• Conformal Coated
SAFETY & EMISIONS
• UL/cUL60950-1
• TUV EN60950-1
• CB Report (IEC 60950-1)
• CE Mmark (LVD)
• EN55022 Class B (CISPR 22 B)
FA
11
SPECIFICATIONS
ATT SINGLE OUTPUT
G
NPUT SPECIFICATIONS:
ACTOR CORRECTED
” x 5” x 3.3”
SPECIFICATIONS
G POWER SUPPLIES


Similar Part No. - TD-RSP-1500-48

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TD-0455Q3-C80 TRANSKO-TD-0455Q3-C80 Datasheet
575Kb / 7P
LTE 450 SAW DUPLEXER For 455.0 MHz / 465.0 MHz
Revision 0: February 2014
TD-0455Q4-C80 TRANSKO-TD-0455Q4-C80 Datasheet
605Kb / 7P
SAW DUPLEXER For Band31
Revision 0: March 2014
TD-071001-S34 TRANSKO-TD-071001-S34 Datasheet
416Kb / 7P
SAW Duplexer For 710.0MHz / 745.0MHz
Revision 0: November 2012
TD-071002-C53 TRANSKO-TD-071002-C53 Datasheet
745Kb / 6P
SAW DUPLEXER For 710.0MHz / 740.0MHz
Revision 0: May 2013
TD-082201-S33 TRANSKO-TD-082201-S33 Datasheet
669Kb / 7P
SAW Duplexer For 822.5MHz / 867.5MHz
Revision 0: February 2014
More results

Similar Description - TD-RSP-1500-48

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPLBU09A TOTAL-POWER-TPLBU09A Datasheet
200Kb / 2P
Switching Power Supplies
logo
TECHNOLOGY ASSISTANCE B...
NTDX-6000-12 TAB-NTDX-6000-12 Datasheet
380Kb / 2P
SWITCHING POWER SUPPLIES
PTCP TAB-PTCP Datasheet
255Kb / 2P
SWITCHING POWER SUPPLIES
TCP-12-34 TAB-TCP-12-34 Datasheet
358Kb / 2P
SWITCHING POWER SUPPLIES
TDRSP-BX-3000-12 TAB-TDRSP-BX-3000-12 Datasheet
465Kb / 2P
SWITCHING POWER SUPPLIES
logo
Technology Dynamics Inc...
PTCP-5-80 TECHNOLOGY-PTCP-5-80 Datasheet
255Kb / 2P
SWITCHING POWER SUPPLIES
TDRSP-1000-12 TECHNOLOGY-TDRSP-1000-12 Datasheet
410Kb / 2P
SWITCHING POWER SUPPLIES
logo
Balluff Korea Ltd.
BAE00TK BALLUFF-BAE00TK Datasheet
129Kb / 2P
Switching Power Supplies
2.26_2021-05-03
BAE0111 BALLUFF-BAE0111 Datasheet
126Kb / 2P
Switching Power Supplies
0.28_2021-12-17
BAE0112 BALLUFF-BAE0112 Datasheet
124Kb / 2P
Switching Power Supplies
0.28_2021-12-17
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com