Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMC3AM832TC Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZXMC3AM832TC
Description  MPPS??Miniature Package Power Solutions COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXMC3AM832TC Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZXMC3AM832TC Datasheet HTML 1Page - Zetex Semiconductors ZXMC3AM832TC Datasheet HTML 2Page - Zetex Semiconductors ZXMC3AM832TC Datasheet HTML 3Page - Zetex Semiconductors ZXMC3AM832TC Datasheet HTML 4Page - Zetex Semiconductors ZXMC3AM832TC Datasheet HTML 5Page - Zetex Semiconductors ZXMC3AM832TC Datasheet HTML 6Page - Zetex Semiconductors ZXMC3AM832TC Datasheet HTML 7Page - Zetex Semiconductors ZXMC3AM832TC Datasheet HTML 8Page - Zetex Semiconductors ZXMC3AM832TC Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ZXMC3AM832
PROVISIONAL ISSUE E - JULY 2004
2
PARAMETER
SYMBOL
VALUE
UNIT
Junction to Ambient
(a)(f)
RθJA
83.3
°C/W
Junction to Ambient
(b)(f)
RθJA
51
°C/W
Junction to Ambient
(c)(f)
RθJA
125
°C/W
Junction to Ambient
(d)(f)
RθJA
111
°C/W
Junction to Ambient
(d)(g)
RθJA
73.5
°C/W
Junction to Ambient
(e)(g)
RθJA
41.7
°C/W
THERMAL RESISTANCE
Notes
(a) For a dual device surface mounted on 8 sq cm single sided 2oz copper on FR4 PCB, in still air conditions with all exposed pads attached. The
copper are is split down the centre line into two separate areas with one half connected to each half of the dual device.
(b) Measured at t<5 secs for a dual device surface mounted on 8 sq cm single sided 2oz copper on FR4 PCB, in still air conditions with all exposed
pads attached. The copper are is split down the centre line into two separate areas with one half connected to each half of the dual device.
(c) For a dual device surface mounted on 8 sq cm single sided 2oz copper on FR4 PCB, in still air conditions with minimal lead connections only.
(d) For a dual device surface mounted on 10 sq cm single sided 1oz copper on FR4 PCB, in still air conditions with all exposed pads attached
attached. The copper are is split down the centre line into two separate areas with one half connected to each half of the dual device.
(e) For a dual device surface mounted on 85 sq cm single sided 2oz copper on FR4 PCB, in still air conditions with all exposed pads attached
attached. The copper are is split down the centre line into two separate areas with one half connected to each half of the dual device.
(f) For a dual device with one active die.
(g) For dual device with 2 active die running at equal power.
(h) Repetitive rating - pulse width limited by max junction temperature. Refer to Transient Thermal Impedance graph.
(i) The minimum copper dimensions required for mounting are no smaller than the exposed metal pads on the base if the device as shown in the
package dimensions data. The thermal resistance for a dual device mounted on 1.5mm thick FR4 board using minimum copper 1 oz weight, 1mm
wide tracks and one half of the device active is Rth = 250°C/W giving a power rating of Ptot = 500mW.
PARAMETER
SYMBOL
N-Channel
P-Channel
UNIT
Drain-Source Voltage
VDSS
30
-30
V
Gate-Source Voltage
VGS
20
20
V
Continuous Drain Current@VGS=10V; TA=25 C
(b)(f)
@VGS=10V; TA=25 C
(b)(f)
@VGS=10V; TA=25 C
(a)(f)
ID
3.7
3.0
2.9
-2.7
-2.2
-2.1
A
A
Pulsed Drain Current
IDM
12.4
-9.2
A
Continuous Source Current (Body Diode)
(b)(f)
IS
2.4
-2.8
A
Pulsed Source Current (Body Diode)
ISM
12.4
-9.2
A
Power Dissipation at TA=25°C
(a)(f)
Linear Derating Factor
PD
1.5
12
W
mW/°C
Power Dissipation at TA=25°C
(b)(f)
Linear Derating Factor
PD
2.45
19.6
W
mW/°C
Power Dissipation at TA=25°C
(c)(f)
Linear Derating Factor
PD
1
8
W
mW/°C
Power Dissipation at TA=25°C
(d)(f)
Linear Derating Factor
PD
1.13
8
W
mW/°C
Power Dissipation at TA=25°C
(d)(g)
Linear Derating Factor
PD
1.7
13.6
W
mW/°C
ABSOLUTE MAXIMUM RATINGS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com