Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMC3AM832TC Datasheet(PDF) 3 Page - Zetex Semiconductors

Part # ZXMC3AM832TC
Description  MPPS??Miniature Package Power Solutions COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXMC3AM832TC Datasheet(HTML) 3 Page - Zetex Semiconductors

  ZXMC3AM832TC Datasheet HTML 1Page - Zetex Semiconductors ZXMC3AM832TC Datasheet HTML 2Page - Zetex Semiconductors ZXMC3AM832TC Datasheet HTML 3Page - Zetex Semiconductors ZXMC3AM832TC Datasheet HTML 4Page - Zetex Semiconductors ZXMC3AM832TC Datasheet HTML 5Page - Zetex Semiconductors ZXMC3AM832TC Datasheet HTML 6Page - Zetex Semiconductors ZXMC3AM832TC Datasheet HTML 7Page - Zetex Semiconductors ZXMC3AM832TC Datasheet HTML 8Page - Zetex Semiconductors ZXMC3AM832TC Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ZXMC3AM832
PROVISIONAL ISSUE E - JULY 2004
3
110
10m
100m
1
10
0
25
50
75
100
125
150
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
100µ
1m
10m 100m
1
10
100
1k
0
20
40
60
80
0.1
1
10
100
0
25
50
75
100
125
150
175
200
225
0.1
1
10
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
110
10m
100m
1
10
Note (a)(f)
100us
100ms
1s
R
DS(ON)
Limited
1ms
N-channel Safe Operating Area
Single Pulse, T
amb
=25°C
DC
10ms
V
DS Drain-Source Voltage (V)
1oz Cu
Note (d)(f)
1oz Cu
Note (d)(g)
2oz Cu
Note (a)(f)
2oz Cu
Note (e)(g)
Derating Curve
Temperature (°C)
Note (a)(f)
D=0.2
D=0.5
D=0.1
Transient Thermal Impedance
Single Pulse
D=0.05
Pulse Width (s)
1oz copper
Note (g)
1oz copper
Note (f)
2oz copper
Note (f)
2oz copper
Note (g)
Thermal Resistance v Board Area
BoardCuArea (sqcm)
1oz copper
Note (g)
2oz copper
Note (g)
1oz copper
Note (f)
2oz copper
Note (f)
Power Dissipation v Board Area
T
amb
=25°C
T
jmax
=150°C
Continuous
BoardCuArea (sqcm)
DC 1s
100ms
10ms
Note (a)(f)
Single Pulse, T
amb
=25°C
1ms
100us
R
DS(ON)
Limited
P-channel Safe Operating Area
-V
DS Drain-Source Voltage (V)
TYPICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com