Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2677 Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2677
Description  SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator with Sync
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2677 Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button LM2677 Datasheet HTML 18Page - National Semiconductor (TI) LM2677 Datasheet HTML 19Page - National Semiconductor (TI) LM2677 Datasheet HTML 20Page - National Semiconductor (TI) LM2677 Datasheet HTML 21Page - National Semiconductor (TI) LM2677 Datasheet HTML 22Page - National Semiconductor (TI) LM2677 Datasheet HTML 23Page - National Semiconductor (TI) LM2677 Datasheet HTML 24Page - National Semiconductor (TI) LM2677 Datasheet HTML 25Page - National Semiconductor (TI) LM2677 Datasheet HTML 26Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
Capacitor Selection Guides (Continued)
TABLE 6. Output Capacitors for Adjustable Output Voltage Applications
Output Voltage
(V)
Inductance
(µH)
Surface Mount
AVX TPS Series
Sprague 594D
Series
Kemet T495 Series
No.
C Code
No.
C Code
No.
C Code
1.21 to 2.50
33*
7
C1
6
C2
7
C3
47*
5
C1
4
C2
5
C3
2.5 to 3.75
33*
4
C1
3
C2
4
C3
47*
3
C1
2
C2
3
C3
3.75 to 5
22
4
C1
3
C2
4
C3
33
3
C1
2
C2
3
C3
47
2
C1
2
C2
2
C3
5 to 6.25
22
3
C2
1
C3
3
C4
33
2
C2
2
C3
2
C4
47
2
C2
2
C3
2
C4
68
1
C2
1
C3
1
C4
6.25 to 7.5
22
3
C2
1
C4
3
C4
33
2
C2
1
C3
2
C4
47
1
C3
1
C4
1
C6
68
1
C2
1
C3
1
C4
7.5 to 10
33
2
C5
1
C6
2
C8
47
1
C5
1
C6
2
C8
68
1
C5
1
C6
1
C8
100
1
C4
1
C5
1
C8
10 to 12.5
33
1
C5
1
C6
2
C8
47
1
C5
1
C6
2
C8
68
1
C5
1
C6
1
C8
100
1
C5
1
C6
1
C8
12.5 to 15
33
1
C6
1
C8
1
C8
47
1
C6
1
C8
1
C8
68
1
C6
1
C8
1
C8
100
1
C6
1
C8
1
C8
15 to 20
33
1
C8
1
C10
2
C10
47
1
C8
1
C9
2
C10
68
1
C8
1
C9
2
C10
100
1
C8
1
C9
1
C10
20 to 30
33
2
C9
2
C11
2
C11
47
1
C10
1
C12
1
C11
68
1
C9
1
C12
1
C11
100
1
C9
1
C12
1
C11
30 to 37
10
4
C13
8
C12
15
3
C13
5
C12
22
No Values Available
2
C13
4
C12
33
1
C13
3
C12
47
1
C13
2
C12
68
1
C13
2
C12
www.national.com
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com