Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2677 Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2677
Description  SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator with Sync
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2677 Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button LM2677 Datasheet HTML 18Page - National Semiconductor (TI) LM2677 Datasheet HTML 19Page - National Semiconductor (TI) LM2677 Datasheet HTML 20Page - National Semiconductor (TI) LM2677 Datasheet HTML 21Page - National Semiconductor (TI) LM2677 Datasheet HTML 22Page - National Semiconductor (TI) LM2677 Datasheet HTML 23Page - National Semiconductor (TI) LM2677 Datasheet HTML 24Page - National Semiconductor (TI) LM2677 Datasheet HTML 25Page - National Semiconductor (TI) LM2677 Datasheet HTML 26Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
Capacitor Selection Guides (Continued)
Output Capacitors for Adjustable Output Voltage Applications (continued)
Output Voltage
(V)
Inductance
(µH)
Through Hole
Sanyo OS-CON SA
Series
Sanyo MV-GX Series
Nichicon PL Series
Panasonic HFQ
Series
No.
C Code
No.
C Code
No.
C Code
No.
C Code
1.21 to 2.50
33*
2C35C1
5C33
C
47*
2C24C1
3C32
C5
2.5 to 3.75
33*
1C33C1
3C12
C5
47*
1C22C1
2C31
C5
3.75 to 5
22
1
C3
3
C1
3
C1
2
C5
33
1
C2
2
C1
2
C1
1
C5
47
1
C2
2
C1
1
C3
1
C5
5 to 6.25
22
1
C5
2
C6
2
C3
2
C5
33
1
C4
1
C6
2
C1
1
C5
47
1
C4
1
C6
1
C3
1
C5
68
1
C4
1
C6
1
C1
1
C5
6.25 to 7.5
22
1
C5
1
C6
2
C1
1
C5
33
1
C4
1
C6
1
C3
1
C5
47
1
C4
1
C6
1
C1
1
C5
68
1
C4
1
C2
1
C1
1
C5
7.5 to 10
33
1
C7
1
C6
1
C14
1
C5
47
1
C7
1
C6
1
C14
1
C5
68
1
C7
1
C2
1
C14
1
C2
100
1
C7
1
C2
1
C14
1
C2
10 to 12.5
33
1
C7
1
C6
1
C14
1
C5
47
1
C7
1
C2
1
C14
1
C5
68
1
C7
1
C2
1
C9
1
C2
100
1
C7
1
C2
1
C9
1
C2
12.5 to 15
33
1
C9
1
C10
1
C15
1
C2
47
1
C9
1
C10
1
C15
1
C2
68
1
C9
1
C10
1
C15
1
C2
100
1
C9
1
C10
1
C15
1
C2
15 to 20
33
1
C10
1
C7
1
C15
1
C2
47
1
C10
1
C7
1
C15
1
C2
68
1
C10
1
C7
1
C15
1
C2
100
1
C10
1
C7
1
C15
1
C2
20 to 30
33
1
C7
1
C16
1
C2
47
No Values
1
C7
1
C16
1
C2
68
Available
1
C7
1
C16
1
C2
100
1
C7
1
C16
1
C2
30 to 37
10
1
C12
1
C20
1
C10
15
1
C11
1
C20
1
C11
22
No Values
1
C11
1
C20
1
C10
33
Available
1
C11
1
C20
1
C10
47
1
C11
1
C20
1
C10
68
1
C11
1
C20
1
C10
* Set to a higher value for a practical design solution. See Applications Hints section
No. represents the number of identical capacitor types to be connected in parallel
C Code indicates the Capacitor Reference number in Table 2 for identifying the specific component from the manufacturer.
www.national.com
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com