Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC4066D Datasheet(PDF) 17 Page - NXP Semiconductors

Part # 74LVC4066D
Description  Quad bilateral switches
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC4066D Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button 74LVC4066D Datasheet HTML 13Page - NXP Semiconductors 74LVC4066D Datasheet HTML 14Page - NXP Semiconductors 74LVC4066D Datasheet HTML 15Page - NXP Semiconductors 74LVC4066D Datasheet HTML 16Page - NXP Semiconductors 74LVC4066D Datasheet HTML 17Page - NXP Semiconductors 74LVC4066D Datasheet HTML 18Page - NXP Semiconductors 74LVC4066D Datasheet HTML 19Page - NXP Semiconductors 74LVC4066D Datasheet HTML 20Page - NXP Semiconductors 74LVC4066D Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
2003 Aug 12
17
Philips Semiconductors
Product specification
Quad bilateral switches
74LVC4066
handbook, full pagewidth
MNA670
10
µF
RL
VO
1/2VCC
CL
DISTORTION
METER
Z/Y
Y/Z
fin
channel
ON
E
VIH
600
Ω
Fig.18 Test circuit for measuring sine-wave distortion.
VCC
VIH
1.65 V
1.4 V (p-p)
2.3 V
2 V (p-p)
3 V
2.5 V (p-p)
4. V
4 V (p-p)
handbook, full pagewidth
MNB113
0.1
µF
RL
RL
VO
1/2VCC
1/2VCC
CL dB
Z/Y
Y/Z
channel
OFF
E
VIL
fin
50
Ω
Fig.19 Test circuit for measuring feed-through when switch is OFF.
handbook, full pagewidth
MNA672
RL
Rin
VO
1/2VCC
1/2VCC
CL
50 pF
Z/Y
Y/Z
E
600
Ω
50
Ω
600
Ω
Fig.20 Crosstalk between control input to signal output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com