Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC4066D Datasheet(PDF) 19 Page - NXP Semiconductors

Part # 74LVC4066D
Description  Quad bilateral switches
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC4066D Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button 74LVC4066D Datasheet HTML 15Page - NXP Semiconductors 74LVC4066D Datasheet HTML 16Page - NXP Semiconductors 74LVC4066D Datasheet HTML 17Page - NXP Semiconductors 74LVC4066D Datasheet HTML 18Page - NXP Semiconductors 74LVC4066D Datasheet HTML 19Page - NXP Semiconductors 74LVC4066D Datasheet HTML 20Page - NXP Semiconductors 74LVC4066D Datasheet HTML 21Page - NXP Semiconductors 74LVC4066D Datasheet HTML 22Page - NXP Semiconductors 74LVC4066D Datasheet HTML 23Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
2003 Aug 12
19
Philips Semiconductors
Product specification
Quad bilateral switches
74LVC4066
PACKAGE OUTLINES
UNIT
A
max.
A1
A2
A3
bp
cD(1)
E(1)
(1)
eHE
LLp
Z
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
inches
1.75
0.25
0.10
1.55
1.40
0.25
0.49
0.36
0.25
0.19
8.75
8.55
4.0
3.8
1.27
6.2
5.8
0.7
0.3
8
0
o
o
0.25
0.1
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
Note
1. Plastic or metal protrusions of 0.15 mm (0.006 inch) maximum per side are not included.
1.0
0.4
SOT108-2
X
w M
θ
A
A1
A2
b p
D
HE
L p
detail X
E
Z
e
c
L
v M A
(A )
3
A
7
8
1
14
y
MS-012
pin 1 index
0.069
0.010
0.004
0.061
0.055
0.01
0.019
0.014
0.0100
0.0075
0.35
0.34
0.16
0.15
0.05
1.05
0.041
0.244
0.228
0.028
0.012
0.01
0.25
0.01
0.004
0.039
0.016
01-05-29
03-02-19
0
2.5
5 mm
scale
SO14: plastic small outline package; 14 leads; body width 3.9 mm; body thickness 1.47 mm
SOT108-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com