Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP2186 Datasheet(PDF) 18 Page - Analog Devices

Part # ADSP2186
Description  DSP Microcomputer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP2186 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADSP2186 Datasheet HTML 14Page - Analog Devices ADSP2186 Datasheet HTML 15Page - Analog Devices ADSP2186 Datasheet HTML 16Page - Analog Devices ADSP2186 Datasheet HTML 17Page - Analog Devices ADSP2186 Datasheet HTML 18Page - Analog Devices ADSP2186 Datasheet HTML 19Page - Analog Devices ADSP2186 Datasheet HTML 20Page - Analog Devices ADSP2186 Datasheet HTML 21Page - Analog Devices ADSP2186 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
ADSP-2186
REV. 0
–18–
TIMING PARAMETERS
Parameter
Min
Max
Unit
Interrupts and Flag
Timing Requirements:
tIFS
IRQx, FI, or PFx Setup before CLKOUT Low
1, 2, 3, 4
0.25 tCK + 15
ns
tIFH
IRQx, FI, or PFx Hold after CLKOUT High
1, 2, 3, 4
0.25 tCK
ns
Switching Characteristics:
tFOH
Flag Output Hold after CLKOUT Low
5
0.25 tCK – 7
ns
tFOD
Flag Output Delay from CLKOUT Low
5
0.5 tCK + 5
ns
NOTES
1If IRQx and FI inputs meet t
IFS and tIFH setup/hold requirements, they will be recognized during the current clock cycle; otherwise the signals will be recognized on
the following cycle. (Refer to “Interrupt Controller Operation” in the Program Control chapter of the ADSP-2100 Family User’s Manual for further information on
interrupt servicing.)
2Edge-sensitive interrupts require pulse widths greater than 10 ns; level-sensitive interrupts must be held low until serviced.
3IRQx = IRQ0, IRQ1, IRQ2, IRQL0, IRQL1, IRQE.
4PFx = PF0, PF1, PF2, PF3, PF4, PF5, PF6, PF7.
5Flag outputs = PFx, FL0, FL1, FL2, Flag_out4.
tFOD
tFOH
tIFH
tIFS
CLKOUT
FLAG
OUTPUTS
IRQx
FI
PFx
Figure 15. Interrupts and Flags



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com