Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP2186 Datasheet(PDF) 2 Page - Analog Devices

Part # ADSP2186
Description  DSP Microcomputer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP2186 Datasheet(HTML) 2 Page - Analog Devices

  ADSP2186 Datasheet HTML 1Page - Analog Devices ADSP2186 Datasheet HTML 2Page - Analog Devices ADSP2186 Datasheet HTML 3Page - Analog Devices ADSP2186 Datasheet HTML 4Page - Analog Devices ADSP2186 Datasheet HTML 5Page - Analog Devices ADSP2186 Datasheet HTML 6Page - Analog Devices ADSP2186 Datasheet HTML 7Page - Analog Devices ADSP2186 Datasheet HTML 8Page - Analog Devices ADSP2186 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
ADSP-2186
–2–
REV. 0
biased rounding, result free ALU operations, I/O memory trans-
fers and global interrupt masking for increased flexibility.
Fabricated in a high speed, double metal, low power, CMOS
process, the ADSP-2186 operates with a 30 ns instruction cycle
time. Every instruction can execute in a single processor cycle.
The ADSP-2186’s flexible architecture and comprehensive
instruction set allow the processor to perform multiple opera-
tions in parallel. In one processor cycle the ADSP-2186 can:
• Generate the next program address
• Fetch the next instruction
• Perform one or two data moves
• Update one or two data address pointers
• Perform a computational operation
This takes place while the processor continues to:
• Receive and transmit data through the two serial ports
• Receive and/or transmit data through the internal DMA port
• Receive and/or transmit data through the byte DMA port
• Decrement timer
Development System
The ADSP-2100 Family Development Software, a complete set
of tools for software and hardware system development, sup-
ports the ADSP-2186. The System Builder provides a high level
method for defining the architecture of systems under develop-
ment. The Assembler has an algebraic syntax that is easy to
program and debug. The Linker combines object files into an
executable file. The Simulator provides an interactive instruction-
level simulation with a reconfigurable user interface to display
different portions of the hardware environment. A PROM
Splitter generates PROM programmer compatible files. The
C Compiler, based on the Free Software Foundation’s GNU
C Compiler, generates ADSP-2186 assembly source code.
The source code debugger allows programs to be corrected in
the C environment. The Runtime Library includes over 100
ANSI-standard mathematical and DSP-specific functions.
The EZ-KIT Lite is a hardware/software kit offering a complete
development environment for the entire ADSP-21xx family: an
ADSP-218x based evaluation board with PC monitor software
plus Assembler, Linker, Simulator and PROM Splitter software.
The ADSP-21xx EZ-KIT Lite is a low cost, easy to use hardware
platform on which you can quickly get started with your DSP soft-
ware design. The EZ-KIT Lite includes the following features:
• 33 MHz ADSP-2181
• Full 16-bit Stereo Audio I/O with AD1847 SoundPort
®*
Codec
• RS-232 Interface to PC with Microsoft
® Windows 3.1
Control Software
• EZ-ICE
®* Connector for Emulator Control
• DSP Demo Programs
The ADSP-218x EZ-ICE
®* Emulator aids in the hardware
debugging of an ADSP-2186 system. The emulator consists of
hardware, host computer resident software, and the target board
connector. The ADSP-2186 integrates on-chip emulation sup-
port with a 14-pin ICE-Port™* interface. This interface pro-
vides a simpler target board connection that requires fewer
mechanical clearance considerations than other ADSP-2100
Family EZ-ICE
®*s. The ADSP-2186 device need not be re-
moved from the target system when using the EZ-ICE
®*, nor
are any adapters needed. Due to the small footprint of the
EZ-ICE
®* connector, emulation can be supported in final board
designs.
The EZ-ICE
®* performs a full range of functions, including:
• In-target operation
• Up to 20 breakpoints
• Single-step or full-speed operation
• Registers and memory values can be examined and altered
• PC upload and download functions
• Instruction-level emulation of program booting and execution
• Complete assembly and disassembly of instructions
• C source-level debugging
See Designing An EZ-ICE
®*-Compatible Target System in the
ADSP-2100 Family EZ-Tools Manual (ADSP-2181 sections), as
well as the Target Board Connector for EZ-ICE
®* Probe sec-
tion of this data sheet, for the exact specifications of the EZ-
ICE
®* target board connector.
Additional Information
This data sheet provides a general overview of ADSP-2186
functionality. For additional information on the architecture and
instruction set of the processor, refer to the ADSP-2100 Family
User’s Manual. For more information about the development
tools, refer to the ADSP-2100 Family Development Tools Data
Sheet.
ARCHITECTURE OVERVIEW
The ADSP-2186 instruction set provides flexible data moves
and multifunction (one or two data moves with a computation)
instructions. Every instruction can be executed in a single pro-
cessor cycle. The ADSP-2186 assembly language uses an alge-
braic syntax for ease of coding and readability. A comprehensive
set of development tools supports program development.
SERIAL PORTS
SPORT 1
SPORT 0
MEMORY
PROGRAMMABLE
I/O
AND
FLAGS
BYTE DMA
CONTROLLER
8K
24
PROGRAM
MEMORY
8K
16
DATA
MEMORY
TIMER
ADSP-2100 BASE
ARCHITECTURE
SHIFTER
MAC
ALU
ARITHMETIC UNITS
POWER-DOWN
CONTROL
PROGRAM
SEQUENCER
DAG 2
DAG 1
DATA ADDRESS
GENERATORS
PROGRAM MEMORY ADDRESS
DATA MEMORY ADDRESS
PROGRAM MEMORY DATA
DATA MEMORY DATA
EXTERNAL
DATA
BUS
EXTERNAL
ADDRESS
BUS
INTERNAL
DMA
PORT
EXTERNAL
DATA
BUS
OR
FULL MEMORY
MODE
HOST MODE
Figure 1. Block Diagram
Figure 1 is an overall block diagram of the ADSP-2186. The
processor contains three independent computational units: the
ALU, the multiplier/accumulator (MAC) and the shifter. The
computational units process 16-bit data directly and have provi-
sions to support multiprecision computations. The ALU per-
forms a standard set of arithmetic and logic operations; division
primitives are also supported. The MAC performs single-cycle
multiply, multiply/add and multiply/subtract operations with
40 bits of accumulation. The shifter performs logical and arith-
metic shifts, normalization, denormalization and derive expo-
nent operations.
*SoundPort and EZ-ICE are registered trademarks of Analog Devices, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com