Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4429P Datasheet(PDF) 5 Page - Calogic, LLC

Part # AS4429P
Description  The AS4420 and AS4429 family operate over 4.5V to 18V
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

AS4429P Datasheet(HTML) 5 Page - Calogic, LLC

  AS4429P Datasheet HTML 1Page - Calogic, LLC AS4429P Datasheet HTML 2Page - Calogic, LLC AS4429P Datasheet HTML 3Page - Calogic, LLC AS4429P Datasheet HTML 4Page - Calogic, LLC AS4429P Datasheet HTML 5Page - Calogic, LLC AS4429P Datasheet HTML 6Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
CALOGIC LLC, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-1076
AS4420 / AS4429
LLC
TYPICAL CHARACTERISTICS CURVES (Cont.)
1000
100
2.5
1.5
40
20
50
30
10
10
2
0
0 _________________________________
-60
-20
20
60
100
140
1
0
100
1000
10,000
5
7
9
11
13
15
CL = 2200pF
CL = 2200pF
VDD = 18V
PROPAGATION DELAY TIME
vs TEMPERATURE
tD2
LOW-STATE OUTPUT
RESISTANCE
tD1
SUPPLY CURRENT
vs FREQUENCY
FREQUENCY (kHz)
V DD (V )
TA(
˚ C)
100mA
50mA
10mA
1 8V
1 0V
5V
1A-19
1A-23
1A-17
1600
1400
1200
1000
800
600
400
200
0
84
70
56
42
28
14
0
4
2
5
3
0
100
1000
10,000
0
20 40
60
80 100 120
5
7
9
11
13
15
VDD = 15V
THERMAL DERATING CURVE
AMBIENT TEMPERATURE (
˚C)
10mA
HIGH-STATE OUTPUT
RESISTANCE
50mA
SUPPLY CURRENT
vs CAPACITY LOAD
CAPACITIVE LOAD (pF)
100mA
V DD (V )
500kHz
00kHz
20kHz
8 DIP
8 SO IC
8 CerDIP
1A-18
1 L-19
1A-22



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com