Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4429P Datasheet(PDF) 3 Page - Calogic, LLC

Part # AS4429P
Description  The AS4420 and AS4429 family operate over 4.5V to 18V
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

AS4429P Datasheet(HTML) 3 Page - Calogic, LLC

  AS4429P Datasheet HTML 1Page - Calogic, LLC AS4429P Datasheet HTML 2Page - Calogic, LLC AS4429P Datasheet HTML 3Page - Calogic, LLC AS4429P Datasheet HTML 4Page - Calogic, LLC AS4429P Datasheet HTML 5Page - Calogic, LLC AS4429P Datasheet HTML 6Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CALOGIC LLC, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-1076
ELECTRICAL CHARACTERISTICS:
Measured over operating temperature range with 4.5V ~ VDD ~ 18V, unless otherwise specified.
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
TEST CONDITIONS
INPUT
VIH
Logic 1 High Input Voltage
2.4
V
VIL
Logic 0 Low Input Voltage
0.8
V
VIN (Max)
Input Voltage Range
-5
VDD+0.3
V
IIN
Input Current
-10
10
L
A
0V ~ VIN ~ VS
OUTPUT
VOH
High Output Voltage
VDD-0.025
V
See Figure 1
VOL
Low Output Voltage
0.025
V
See Figure 1
RO
Output Resistance, High
3
5
IOUT = 10mA, VDD = 18V
RO
Output Resistance, Low
2.3
5
Ω
I OU
T
= 10mA, VDD = 18V
SWITCHING TIME (Note 1)
tR
Rise Time
32
60
ns
Figure 1, CL = 2500pF
tF
Fall Time
34
60
ns
Figure 1, CL = 2500pF
tD1
Delay Time
20
50
ns
Figure 1
tD2
Delay Time
20
50
ns
Figure 1
POWER SUPPLY
IS
Power Supply Current
1
60
3
400
mA
L
V IN = 3V
VIN = 0V
VDD
Operating Input Voltage
4.5
18
V
Note: 1. Switching times guaranteed by design.
AS4420 / AS4429
LLC
FIGURE 1. SWITCHING TIME TEST CIRCUIT
INPUT
0.1LF
2
4
1
VDD = 18V
8
5
6
7
0.1LF
0.1LF
CL = 2500pF
OUTPUT
1A-09
OUTPUT
INPUT
≈0.4V
+1 8V
+5V
0V
10%
INPUT: 100kHz, SQUARE WAVE,
tRISE = tFALL~ 10nS
90%
tD1
10%
tF
tD2
90%
10%
tR
90%
1A-10



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com